Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 53 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
8.
Bus
During memory expansion or microprocessor mode, some pins serve as the bus control pins to perform
data input /output to and from external devices. These bus control pins include A0 to A19, D0 to D15,
CS0
to
CS3, RD, WRL /WR, WRH / BHE, ALE, RDY, HOLD, HLDA, and BCLK.
8.1
Bus Mode
Bus mode, either multiplexed or separate, can be selected using bits PM05 and PM04 in the PM0 regis-
ter. Table 8.1 shows the Difference between Separate Bus and Multiplexed Bus.
8.1.1
Separate Bus
In this bus mode, data and address are separate.
8.1.2
Multiplexed Bus
In this bus mode, data and address are multiplexed.
8.1.2.1
When the Input Level on BYTE Pin is High (8-Bit Data Bus)
D0 to D7 and A0 to A7 are multiplexed.
8.1.2.2
When the Input Level on BYTE Pin is Low (16-Bit Data Bus)
D0 to D7 and A1 to A8 are multiplexed. D8 to D15 are not multiplexed. Do not use D8 to D15. Exter-
nal devices connecting to a multiplexed bus are allocated to only the even addresses of the micro-
computer. Odd addresses cannot be accessed.
NOTES:
1.
See Table 8.6 “Pin Functions for Each Processor Mode” for bus control signals other than the
above.
2.
It changes with a setting of PM05 and PM04, and area to access.
See Table 8.6 “Pin Functions for Each Processor Mode” for details.
Table 8.1
Difference between Separate Bus and Multiplexed Bus
Pin Name (1)
Separate Bus
Multiplexed Bus
BYTE = “H”
BYTE = “L”
P0_0 to P0_7 / D0 to D7
D0 to D7
(NOTE 2)
(NOTE 2)
P1_0 to P1_7 / D8 to D15
D8 to D15
I/O port
P1_0 to P1_7
(NOTE 2)
P2_0 / A0 (/ D0 / -)
A0
A0
D0
A0
P2_1 to P2_7 / A1 to A7
(/ D1 to D7 / D0 to D6)
A1 to A7
A1 to A7 D1 to D7
A1 to A7 D0 to D6
P3_0 / A8 (/ - / D7)
A8
A8
A8
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com