Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 55Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 56Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 57Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 58Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 34 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
5. Reset
NOTE:
1.
Shown here is the valid pin state when the internal power supply voltage has stabilized after power
on. When CNVSS = VCC1, the pin state is indeterminate until the internal power supply voltage sta-
bilizes.
2.
Apply a “H” signal.
Table 5.1
Pin Status When
RESET Pin Level is “L”
Pin Name
Status
CNVSS = VSS
CNVSS = VCC1 (1)
BYTE = VSS
BYTE = VCC1
P0
Input port
Data input
Data input
P1
Input port
Data input
Input port
P2, P3, P4_0 to P4_3 Input port
Address output (undefined)
Address output (undefined)
P4_4
Input port
CS0 output (“H” is output)
CS0 output (“H” is output)
P4_5 to P4_7
Input port
Input port (pulled high)
Input port (pulled high)
P5_0
Input port
WR output (“H” is output)
WR output (“H” is output)
P5_1
Input port
BHE output (undefined)
BHE output (undefined)
P5_2
Input port
RD output (“H” is output)
RD output (“H” is output)
P5_3
Input port
BCLK output
BCLK output
P5_4
Input port
HLDA output (The output
value
depends on the input to the
HOLD pin)
HLDA output (The output
value
depends on the input to the
HOLD pin)
P5_5
Input port
HOLD input (2)
HOLD input (2)
P5_6
Input port
ALE output (“L” is output)
ALE output (“L” is output)
P5_7
Input port
RDY input
RDY input
P6, P7, P8, P9, P10
Input port
Input port
Input port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com