Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 55Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 56Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 57Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 58Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 59Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 60Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 36 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
5. Reset
5.6
Internal Space
Figure 5.3 shows CPU Register Status After Reset. Refer to 4. “Special Function Registers (SFRs)” for
SFR states after reset.
Figure 5.3
CPU Register Status After Reset
b15
b0
Data register (R0)
Address register (A0)
Frame base register (FB)
Program counter (PC)
Interrupt table register (INTB)
User stack pointer (USP)
Interrupt stack pointer (ISP)
Static base register (SB)
Flag register (FLG)
0000h
0000h
0000h
C
D
Z
S
B
O
I
U
IPL
0000h
0000h
0000h
0000h
0000h
b19
b0
Content of addresses FFFFEh to FFFFCh
b15
b0
b15
b0
b15
b0
b7
b8
00000h
Data register (R1)
Data register (R2)
Data register (R3)
Address register (A1)
0000h
0000h
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com