Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 4Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 5Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 6Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 7Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 8Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 9Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 10Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 11Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 398 page
background image
B - 1
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
48
0005h
Processor Mode Register 1
PM1
49
0006h
System Clock Control Register 0
CM0
76
0007h
System Clock Control Register 1
CM1
77
0008h
Chip Select Control Register
CSR
55
0009h
000Ah
Protect Register
PRCR
98
000Bh
Data Bank Register
DBR
67
000Ch
Oscillation Stop Detection Register
CM2
78
000Dh
000Eh
000Fh
0010h
Program 2 Area Control Register
PRG2C
50
0011h
0012h
Peripheral Clock Select Register
PCLKR
79
0013h
0014h
0015h
Clock Prescaler Reset Flag
CPSRF
141
0016h
0017h
0018h
Reset Source Determine Flag
RSTFR
46
0019h
Voltage Detection 2 Circuit Flag Register
VCR1
38
001Ah
Voltage Detection Circuit Operation Enable
Register
VCR2
38
001Bh
Chip Select Expansion Control Register
CSE
62
001Ch
PLL Control Register 0
PLC0
80
001Dh
001Eh
Processor Mode Register 2
PM2
79
001Fh
Low Voltage Detection Interrupt Register
D4INT
39
0020h
0021h
0022h
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
Voltage Monitor 0 Circuit Control Register
VW0C
40
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
0040h
0041h
Address
Register
Symbol
Page
0042h
INT7 Interrupt Control Register
INT7IC
106
0043h
INT6 Interrupt Control Register
INT6IC
106
0044h
INT3 Interrupt Control Register
INT3IC
106
0045h
Timer B5 Interrupt Control Register
TB5IC
105
0046h
Timer B4 Interrupt Control Register, UART1
BUS Collision Detection Interrupt Control
Register
TB4IC,
U1BCNIC
105
0047h
Timer B3 Interrupt Control Register, UART0 BUS
Collision Detection Interrupt Control Register
TB3IC,
U0BCNIC
105
0048h
SI/O4 Interrupt Control Register, INT5 Inter-
rupt Control Register
S4IC, INT5IC
106
0049h
SI/O3 Interrupt Control Register, INT4 Inter-
rupt Control Register
S3IC, INT4IC
106
004Ah
UART2 BUS Collision Detection Interrupt
Control Register
BCNIC
106
004Bh
DMA0 Interrupt Control Register
DM0IC
105
004Ch
DMA1 Interrupt Control Register
DM1IC
105
004Dh
Key Input Interrupt Control Register
KUPIC
105
004Eh
A/D Conversion Interrupt Control Register
ADIC
105
004Fh
UART2 Transmit Interrupt Control Register
S2TIC
105
0050h
UART2 Receive Interrupt Control Register
S2RIC
105
0051h
UART0 Transmit Interrupt Control Register
S0TIC
105
0052h
UART0 Receive Interrupt Control Register
S0RIC
105
0053h
UART1 Transmit Interrupt Control Register
S1TIC
105
0054h
UART1 Receive Interrupt Control Register
S1RIC
105
0055h
Timer A0 Interrupt Control Register
TA0IC
105
0056h
Timer A1 Interrupt Control Register
TA1IC
105
0057h
Timer A2 Interrupt Control Register
TA2IC
105
0058h
Timer A3 Interrupt Control Register
TA3IC
105
0059h
Timer A4 Interrupt Control Register
TA4IC
105
005Ah
Timer B0 Interrupt Control Register
TB0IC
105
005Bh
Timer B1 Interrupt Control Register
TB1IC
105
005Ch
Timer B2 Interrupt Control Register
TB2IC
105
005Dh
INT0 Interrupt Control Register
INT0IC
106
005Eh
INT1 Interrupt Control Register
INT1IC
106
005Fh
INT2 Interrupt Control Register
INT2IC
106
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
DMA2 Interrupt Control Register
DM2IC
105
006Ah
DMA3 Interrupt Control Register
DM3IC
105
006Bh
UART5 BUS Collision Detection Interrupt Control
Register
U5BCNIC
105
006Ch
UART5 Transmit Interrupt Control Register
S5TIC
105
006Dh
UART5 Receive Interrupt Control Register
S5RIC
105
006Eh
UART6 BUS Collision Detection Interrupt
Control Register
U6BCNIC
105
006Fh
UART6 Transmit Interrupt Control Register
S6TIC
105
0070h
UART6 Receive Interrupt Control Register
S6RIC
105
0071h
UART7 BUS Collision Detection Interrupt
Control Register
U7BCNIC
105
0072h
UART7 Transmit Interrupt Control Register
S7TIC
105
0073h
UART7 Receive Interrupt Control Register
S7RIC
105
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
D080h to
D17Fh
SFR Page Reference
NOTE: 1. Blank columns are all reserved space. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com