Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 28Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 29Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 31Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 32Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 33Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 34Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 11 of 373
M16C/64 Group
1. Overview
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
1.6
Pin Functions
NOTE:
1.
VCC1 is hereinafter referred to as VCC unless otherwise noted.
Table 1.6
Pin Functions (1)
Signal Name
Pin Name
I/O
Power Supply
Description
Power supply
input
VCC1
VCC2
VSS
I
-
Apply 2.7 to 5.5 V to pins VCC1 and VCC2 (VCC1
=VCC2)
and 0 V to the VSS pin (1)
Analog power
supply input
AVCC
AVSS
I
VCC1
Apply the power supply for the A/D converter. Connect the
AVCC pin to VCC1. Connect the AVSS pin to VSS.
Reset input
RESET
I
VCC1
Low active input pin. Driving this pin Low resets the MCU.
CNVSS
CNVSS
I
VCC1
Input pin to switch processor mode. To start up in single-chip
mode after a reset, connect the CNVSS pin to VSS via
resister. To start up in microprocessor mode, connect the
CNVSS pin to VSS1.
External data
bus width
select input
BYTE
I
VCC1
Input pin to select the data bus of the external memory area.
The data bus is 16-bit when it is Low and 8-bit when it is
High. This pin must be fixed either High or Low. Connect the
BYTE pin to VSS in single-chip mode
Bus control
pins
D0 to D7
I/O
VCC2
Inputs or outputs data (D0 to D7) while accessing an exter-
nal memory area with separate bus
D8 to D15
I/O
VCC2
Inputs or outputs data (D8 to D15) while accessing an exter-
nal memory area with 16-bit separate bus
A0 to A19
O
VCC2
Outputs address bits A0 to A19
A0/D0 to
A7/D7
I/O
VCC2
Inputs or outputs data (D0 to D7) and outputs address bits
(A0 to A7) by timesharing, while accessing an external mem-
ory area with 8-bit multiplexed bus
A1/D0 to
A8/D7
I/O
VCC2
Inputs or outputs data (D0 to D7) and outputs address bits
(A1 to A8) by timesharing, while accessing an external mem-
ory area with 16-bit multiplexed bus
CS0 to CS3
O
VCC2
Outputs chip-select signals
CS0 to CS3 to specify an exter-
nal memory area
WRL/WR
WRH/BHE
RD
O
VCC2
Low active output pins. Outputs
WRL, WRH, (WR, BHE), RD
signals.
WRL and WRH can be switched with or BHE and
WR can be selected by a program.
WRL, WRH and RD selected
If the external data bus is 16-bit, data is written to an even
address in external memory area when
WRL is driven low.
Data is written to an odd address when
WRH is driven low.
Data is read when
RD is driven low.
WR, BHE and RD are selected
Data is written to external memory area when
WR is driven
low. Data in external memory area is read when
RD is driven
low. An odd address is accessed when
BHE is driven low.
Select
WR, BHE, and RD for external 8-bit data bus
ALE
O
VCC2
Output ALE signal to latch address.
HOLD
I
VCC2
Low active input pin. The MCU is placed in hold state while
the
HOLD pin is driven low.
HLDA
O
VCC2
Low active output pin. In a hold state,
HLDA outputs a low-
level signal.
RDY
I
VCC2
Low active input pin. The MCU is placed in wait state while
the
RDY pin is driven low.
Power supply: VCC2 is used to supply power to external bus related pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com