Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 91Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 92Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 93Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 94Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 95Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 96Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 97Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 98Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 74 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
10. Clock Generation Circuit
10. Clock Generation Circuit
10.1
Type of the Clock Generation Circuit
4 circuits are incorporated to generate the system clock signal:
• Main clock oscillation circuit
• Sub clock oscillation circuit
• 125 kHz on-chip oscillator
• PLL frequency synthesizer
Table 10.1 lists the Clock Generation Circuit Specifications. Figure 10.1 shows the System Clock Gener-
ation Circuit.
Figures 10.2 to 10.6 show the clock-related registers.
NOTE:
1.
The PLL frequency synthesizer uses the main clock oscillation circuit as a reference clock source.
The items above are based on those of the main clock oscillation circuit.
Table 10.1
Clock Generation Circuit Specifications
Item
Main Clock
Oscillation Circuit
Sub Clock
Oscillation Circuit
125 kHz On-Chip
Oscillator
PLL Frequency
Synthesizer
Use of Clock
CPU clock source
Peripheral function
clock source
CPU clock source
Clock source of
timer A and B.
CPU clock source
Peripheral function
clock source
CPU and peripheral
function clock
sources when the
main clock stops
oscillating
CPU clock source
Peripheral function
clock source
Clock Frequency
0 to 20 MHz
32.768 kHz
About 125 kHz
10 to 25 MHz
Usable Oscillator
Ceramic oscillator
Crystal oscillator
Crystal oscillator
-
- (1)
Pins to Connect
Oscillator
XIN, XOUT
XCIN, XCOUT
-
- (1)
Oscillation Stop,
Restart Function
Presence
Presence
Presence
Presence
Oscillator Status
After Reset
Oscillating
Stopped
Oscillating
Stopped
Other
Externally derived clock can be input
-
- (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com