Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 80Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 81Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 82Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 83Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 84Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 85Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 86Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 87Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 63 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
NOTES:
1.
To use the
RDY signal, set the CSiW bit to 0 (with wait state).
2.
To access in multiplexed bus mode, set the CSiW bit to 0 (with wait state).
3.
When the PM17 bit is set to 1 and accesses an external area, set the CSiW bit to 0 (with wait state).
4.
After reset, the PM17 bit is set to 0 (without wait state), bits CS0W to CS3W are set to 0 (with wait
state), and the CSE register is set to 00h (one wait state for
CS0 to CS3). Therefore, all external
areas are accessed with one wait state.
Table 8.9
Bits and Bus Cycles Related to Software Wait (External Area)
Area
Bus Mode
Setting of Software-Wait-related Bits
Software
Wait
Bus Cycle
PM1 Regis-
ter PM17 Bit
CSR Register
CSiW Bit (1)
CSE Register
Bits CSEi1W to
CSEi0W
External
Area
Separate
Bus
0
1
00b
No wait
1 BCLK cycle
(Read)
2 BCLK cycles
(Write)
-0
00b
1 wait
2 BCLK cycles (4)
-
0
01b
2 waits
3 BCLK cycles
-
0
10b
3 waits
4 BCLK cycles
1
0 (3)
00b
1 wait
2 BCLK cycles
Multiplexed
Bus
-
0 (2)
00b
1 wait
3 BCLK cycles
-
0 (2)
01b
2 waits
3 BCLK cycles
-
0 (2)
10b
3 waits
4 BCLK cycles
1
0 (2, 3)
00b
1 wait
3 BCLK cycles
i = 0 to 3
− indicates that either 0 or 1 can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com