Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 87Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 88Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 89Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 90Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 91Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 92Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 93Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 94Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 70 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
9. Memory Space Expansion Function
Figure 9.6 shows the External Memory Connect Example in 4-Mbyte Mode.
In this example, the
CS pin of 4-Mbyte ROM is connected to the CS0 pin of the microcomputer. The 4-
Mbyte ROM address input pins AD21, AD20, and AD19 are connected to pins
CS3, CS2, and CS1 of
the microcomputer, respectively. The address input AD18 pin is connected to the A19 pin of microcom-
puter. Figures 9.7 to 9.9 show the relationship of addresses between the 4-Mbyte ROM and the micro-
computer for the case of a connection example in Figure 9.6.
In microprocessor mode or in memory expansion mode where the PM13 bit in the PM1 register is 0,
banks are located every 512 Kbytes. Setting the OFS bit in the DBR register to 1 (offset) allows the
accessed address to be offset by 40000h, so that even the data overlapping at a bank boundary can be
accessed in succession.
In memory expansion mode where the PM13 bit is 1, each 512-Kbyte bank can be accessed in 256
Kbyte units by switching them over with the OFS bit.
Because the SRAM can be accessed on condition that the chip select signals S2 = “H” and
S1 = “L”,
CS0 and CS2 can be connected to S2 and S1, respectively. If the SRAM does not have the input pins
which accept “H” active and “L” active chip select signals (
S1, S2), CS0 and CS2 should be decoded
external to the chip.
Figure 9.6
External Memory Connect Example in 4-Mbyte Mode
17
8
D0 to D7
A0 to A16
A17
RD
WR
CS1
CS2
CS3
CS0
A19
DQ0 to DQ7
AD0 to AD16
AD17
AD18
AD19
OE
CS
DQ0 to
DQ7
AD0 to
AD16
S2
W
OE
S1
AD20
AD21
NOTE :
1. If only one chip select pin (S1 or S2) is present, using an external circuit is required for decode.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com