Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 55 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
Figure 8.1
CSR Register
b7 b6 b5 b4
b1
b2
b3
Chip Select Control Register
Symbol
CSR
Address
0008h
Bit Symbol
Bit Name
RW
After Reset
01h
1. When the RDY signal is used in the area indicated by CSi (i = 0 to 3) or the multiplex bus is used, set the CSiW bit to 0
(wait state).
2. When the PM17 bit in the PM1 register is set to 1 (wait state), set the CSiW bit to 0 (wait state).
3. When the CSiW bit = 0 (wait state), the number of wait states can be selected using bits CSEi1W to CSEi0W in the CSE
register.
b0
Function
CS0
RW
0 : Disable chip select output
(functions as I/O port)
1 : Enable chip select output
CS0 output enable bit
CS1
RW
CS1 output enable bit
CS2
RW
CS2 output enable bit
CS3
RW
CS3 output enable bit
CS0W
RW
0 : Wait state
1 : No wait state (1, 2, 3)
CS0 wait bit
CS1W
RW
CS1 wait bit
CS2W
RW
CS2 wait bit
CS3W
RW
CS3 wait bit
NOTES :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com