Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 52 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
7. Processor Mode
Figure 7.4
Memory Map in Single-Chip Mode
Single-chip Mode
SFR
Internal RAM
Unusable
Internal ROM
(program ROM 1)
00000h
00400h
XXXXXh
YYYYYh
FFFFFh
SFR
0D000h
0D800h
0E000h
10000h
14000h
Unusable
Unusable
Internal ROM (3)
(program ROM 2)
Internal ROM (2)
(data flash)
NOTES :
1. If the PM13 bit is set to 0, 15 Kbytes of the internal RAM and 192 Kbytes of the internal ROM can be used.
2. Data flash can be used when the PM10 bit in the PM1 register is 1 (0E000h to 0FFFFh = data flash).
3. Program ROM 2 can be used when the PRG2C0 bit in the PRG2C register is 0 (program ROM 2 enabled).
Size
Address YYYYYh
128 Kbytes
E0000h
256 Kbytes
D0000h (1)
Size
Address XXXXXh
12 Kbytes
033FFh
16 Kbytes
512 Kbytes
Internal RAM
Internal ROM
31 Kbytes
PM13 = 0
03FFFh (1)
03FFFh (1)
D0000h (1)
Size
Address YYYYYh
128 Kbytes
E0000h
256 Kbytes
C0000h
Size
Address XXXXXh
12 Kbytes
033FFh
16 Kbytes
043FFh
512 Kbytes
80000h
Internal RAM
Internal ROM
31 Kbytes
07FFFh
PM13 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com