Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 20 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
NOTE:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.3
SFR Information (3) (1)
Address
Register
Symbol
After Reset
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
DMA2 Interrupt Control Register
DM2IC
XXXXX000b
006Ah
DMA3 Interrupt Control Register
DM3IC
XXXXX000b
006Bh
UART5 BUS Collision Detection Interrupt Control Register
U5BCNIC
XXXXX000b
006Ch
UART5 Transmit Interrupt Control Register
S5TIC
XXXXX000b
006Dh
UART5 Receive Interrupt Control Register
S5RIC
XXXXX000b
006Eh
UART6 BUS Collision Detection Interrupt Control Register
U6BCNIC
XXXXX000b
006Fh
UART6 Transmit Interrupt Control Register
S6TIC
XXXXX000b
0070h
UART6 Receive Interrupt Control Register
S6RIC
XXXXX000b
0071h
UART7 BUS Collision Detection Interrupt Control Register
U7BCNIC
XXXXX000b
0072h
UART7 Transmit Interrupt Control Register
S7TIC
XXXXX000b
0073h
UART7 Receive Interrupt Control Register
S7RIC
XXXXX000b
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
0089h
008Ah
008Bh
008Ch
008Dh
008Eh
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh to 015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com