Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 94Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 95Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 96Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 97Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 98Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 99Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 100Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 101Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 77 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
10. Clock Generation Circuit
Figure 10.3
CM1 Register
b7
0
0
b6 b5 b4
b1
b2
b3
System Clock Control Register 1 (1)
Symbol
CM1
Address
0007h
Bit Symbol
Bit Name
RW
CM10
After Reset
00100000b
NOTES :
1. Rewrite this register after setting the PRC0 bit in the PRCR register to 1 (write enabled).
2. When entering stop mode or the CM05 bit is set to 1 (main clock stops) in low speed mode, the CM15 bit is set to
1 (drive capacity high).
3. This bit is valid when the CM06 bit is set to 0 (bits CM16 and CM17 enabled).
4. If the CM10 bit is set to 1 (stop mode), XOUT is held “H” and the internal feedback resistor is disconnected. Pins
XCIN and XCOUT are in high-impedance state. When the CM11 bit is set to 1 (PLL clock), or the CM20 bit in the
CM2 register is set to 1 (oscillation stop detection function enabled), do not set the CM10 bit to 1.
5. After setting the PLC07 bit in the PLC0 register to 1 (PLL operation), wait tsu (PLL) elapses before setting the
CM11 bit to 1 (PLL clock).
6. When the PM21 bit in the PM2 register is set to 1 (disable clock modification), this bit remains unchanged even if
writing to bits CM10 and CM11. When the CSPRO bit in the CSPR register is set to 1 (count source protection
mode), this bit remains unchanged even if writing to the CM10 bit.
7. The CM11 bit is valid when bits CM07 and CM21 are set to 0.
8. The CM14 bit can be set to 1 (125 kHz on-chip oscillator off) when the CM21 bit is set to 0 (main clock or PLL
clock). When the CM21 bit is set to 1 (125 kHz on-chip oscillator clock), the CM14 bit is set to 0 (125 kHz on-chip
oscillator on) and remains unchanged even if writing 1 to this bit.
9. When the CSPRO bit in the CSPR register is set to 1 (count source protection mode), the CM14 bit is automatically
set to 0 (125 kHz on-chip oscillator on) and remains unchanged even if writing a 1 to this bit (125 kHz on-chip
oscillator does not stop).
b0
Function
All clock stop control bit (4, 6)
—
(b3-b2)
CM14
Reserved bits
0 : Clock on
1 : All clocks off (stop mode)
CM15
Set to 0
CM16
0 : 125 kHz on-chip oscillator on
1 : 125 kHz on-chip oscillator off
RW
0 : Low
1 : High
125 kHz on-chip oscillator stop
bit (8, 9)
XIN-XOUT drive capacity
select bit (2)
RW
RW
RW
RW
CM11
System clock select bit 1 (6, 7)
0 : Main clock
1 : PLL clock (5)
RW
CM17
Main clock division select bit 1
(3)
b7 b6
0 0 : No division mode
0 1 : Divide-by-2 mode
1 0 : Divide-by-4 mode
1 1 : Divide-by-16 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com