| Electronic Components Datasheet Search |
|
R5F3640MNFB Datasheet(PDF) 102 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F3640MNFB Datasheet(HTML) 102 Page - Renesas Technology Corp |
|
102 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 81 of 373 Under development Preliminary Specification Specification in this preliminary version is subject to change. M16C/64 Group 10. Clock Generation Circuit The following describes the clocks generated by the clock generation circuit. 10.1.1 Main Clock This clock is provided by the main clock oscillation circuit and used as the clock source for the CPU and peripheral function clocks. The main clock oscillation circuit is configured by connecting a resonator between pins XIN and XOUT. The main clock oscillation circuit contains a feedback resistor, which is dis- connected from the oscillation circuit during stop mode in order to reduce the amount of power consumed in the chip. The main clock oscillation circuit may also be configured by feeding an externally generated clock to the XIN pin. Figure 10.7 shows the Examples of Main Clock Connection Circuit. The power consumption in the chip can be reduced by setting the CM05 bit in the CM0 register to 1 (main clock oscillation circuit turned off) after switching the clock source for the CPU clock to a sub clock or 125 kHz on-chip oscillation clock. In this case, XOUT goes “H”. Furthermore, because the internal feedback resistor remains on, XIN is pulled “H” to XOUT via the feedback resistor. During stop mode, all clocks including the main clock are turned off. Refer to 10.4 “Power Control” for details. Figure 10.7 Examples of Main Clock Connection Circuit NOTE : 1. Place a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by each oscillator manufacturer. When the oscillation drive capacity is set to low, check if oscillation is stable at low. Also, place a feedback resistor between XIN and XOUT if the oscillator manufacturer recommends placing the resistor externally. External clock Open VCC1 VSS Microcomputer (Built-in feedback resistor) XIN XOUT Rd (1) CIN COUT VSS Oscillator Microcomputer (Built-in feedback resistor) XIN XOUT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |