| Electronic Components Datasheet Search |
|
R5F3640MNFB Datasheet(PDF) 101 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F3640MNFB Datasheet(HTML) 101 Page - Renesas Technology Corp |
|
101 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 80 of 373 Under development Preliminary Specification Specification in this preliminary version is subject to change. M16C/64 Group 10. Clock Generation Circuit Figure 10.6 PLC0 Register b7 b6 b5 b4 b1 b2 b3 PLL Control Register 0 (1, 2) Symbol PLC0 Address 001Ch Bit Symbol Bit Name RW After Reset 0X01X010b NOTES : 1. Write to this register after setting the PRC0 bit in the PRCR register to 1 (write enabled). 2. When the PM21 bit in the PM2 register is 1 (clock modification disabled), writing to this register has no effect. 3. Bits PLC00 to PLC02, PLC04, and PLC5 can only be modified when the PLC07 bit = 0 (PLL turned off). The value once written to this bit cannot be modified. 4. Before setting the PLC07 bit to 1, set the CM05 bit to 0 (main clock oscillation). b0 Function — (b3) PLC04 RW PLC05 RW — (b6) PLC07 No register bit. If necessary, set to 0. Read as undefined value 0 : PLL off 1 : PLL on Operation enable bit (4) Reserved bit Read as undefined value Reference frequency counter set bit (3) b5 b4 0 0 : No division 0 1 : Divide-by-2 1 0 : Divide-by-4 1 1 : Do not set PLC00 PLL multiplying factor select bit (3) PLC01 PLC02 b2 b1 b0 0 0 0 : Do not set 0 0 1 : Multiply by 2 0 1 0 : Multiply by 4 0 1 1 : Multiply by 6 1 0 0 : Multiply by 8 1 0 1 : 1 1 0 : Do not set 1 1 1 : RW RW RW RO RW — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |