Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 49 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
7. Processor Mode
Figure 7.2
PM1 Register
b7
0
b6 b5 b4
b1
b2
b3
Processor Mode Register 1 (1)
Symbol
PM1
Address
0005h
Bit Symbol
Bit Name
RW
PM10
After Reset
00001000b
RW
1. Write to this register after setting the PRC1 bit in the PRCR register to 1 (write enabled).
2. Bits PM10 and PM13 are automatically set to 1 while the FMR01 bit in the FMR0 register is set to 1 (CPU rewrite
mode).
3. Bits PM11, PM14, and PM 15 are effective when bits PM01 and PM00 are set to 01b (memory expansion mode) or 11b
(microprocessor mode).
4. The PM12 bit is set to 1 by writing a 1 in a program (writing a 0 has no effect).
The PM12 bit is automatically set to 1 when the CSPRO bit in the CSPR register is 1 (count source protection mode
enabled).
5. When the PM17 bit is set to 1 (wait state), one wait state is inserted when accessing the internal RAM or internal ROM.
When the PM17 bit is set to 1 and accesses an external area, set the CSiW bit in the CSR register (i = 0 to 3) to 0
(wait state).
6. The access area is changed by the PM13 bit as listed in the table below.
b0
Function
0 : CS2 (0E000h to 0FFFFh )
1 : Data flash (0E000h to 0FFFFh)
CS2 area switch bit
(data flash enable bit) (2)
PM11
PM12
PM13
Wait bit (5)
PM17
0 : No wait state
1 : Wait state (1 wait)
RW
RW
Memory area expansion bit (3)
b5 b4
0
0 : 1-Mbyte mode (no expansion)
0
1 : Do not set
1
0 : Do not set
1
1 : 4-Mbyte mode
RW
RW
0 : Address output
1 : Port function
Port P3_7 to P3_4 function
select bit (3)
Internal reserved area
expansion bit (2, 6)
(NOTE 6)
RW
Watchdog timer function select
bit (4)
0 : Watchdog timer interrupt
1 : Watchdog timer reset
RW
PM14
PM15
Internal
Access Area
External
Program ROM 1
RAM
Reserved bit
Set to 0
RW
—
(b6)
PM13 = 1
Address 04000h to 0CFFFh are reserved
Address 80000h to CFFFFh are reserved
(in memory expansion mode)
The entire area is usable
The entire area is usable
PM13 = 0
Address 04000h to 0CFFFh are usable
Address 80000h to CFFFFh are usable
Note that 08000h to 0CFFFh are reserved when
PM10 is set to 1 during microprocessor mode.
Up to Addresses D0000h to FFFFFh (192 Kbytes)
Up to Addresses 00400h to 03FFFh (15 Kbytes)
NOTES :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com