Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 85Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 86Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 87Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 88Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 89Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 90Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 91Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 92Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 68 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
9. Memory Space Expansion Function
Figure 9.2
Memory Mapping and
CS Area in 1-Mbyte Mode (PM13 = 0)
Figure 9.3
Memory Mapping and
CS Area in 1-Mbyte Mode (PM13 = 1)
Microprocessor mode
00000h
00400h
XXXXXh
YYYYYh
FFFFFh
D0000h
08000h
Memory expansion mode
SFR
Internal RAM
Internal ROM
Reserved area
Reserved area
CS3 (16 Kbytes)
CS1 (32 Kbytes)
CS0 (microprocessor mode : 832 Kbytes)
28000h
30000h
04000h
Reserved area
27000h
Capacity
Address YYYYYh
128 Kbytes E0000h
256 Kbytes D0000h (1)
Capacity
Address XXXXXh
12 Kbytes 033FFh
16 Kbytes 03FFFh (1)
512 Kbytes D0000h (1)
PM13 = 0
External area
0D000h
SFR
Internal RAM
Reserved area
Reserved area
External area
External area
CS2 (20 Kbytes)
CS0 (memory expansion mode : 640 Kbytes )
Internal RAM
Internal ROM
CS0
Memory expansion mode
30000h to CFFFFh
External Area
CS1
Microprocessor mode
30000h to FFFFFh
28000h to
2FFFFh
CS2
08000h to 0CFFFh
0D800h to 26FFFh
Note that this applies to the
following areas only in the
conditions described below.
In memory expansion mode
or when PM10 = 0,
08000h to 0CFFFh
When PM10 = 0,
0E000h to 0FFFFh
When PRG2C0 = 1
10000h to 13FFFh
CS3
04000h to
07FFFh
31 Kbytes 03FFFh (1)
NOTES :
1. When the PM13 bit in the PM1 register is set to 0, 15 Kbytes of the internal RAM and 192 Kbytes of the internal ROM can be used.
2. When the PM10 bit is set to 0, this area is used as external area; when 1, reserved area.
3. When the PM10 bit is set to 0, this area is used as external area; when 1, internal ROM (data flash).
4. When the PRG2C0 bit in the PRG2C register is set to 1, this area is used as external area; when 0, internal ROM (program ROM 2).
5. When the PRG2C0 bit in the PRG2C register is set to 1, this area is used as external area; when 0, reserved area.
0D800h
10000h
0E000h
14000h
Prpgram ROM 2 (4)
Data flash (3)
SFR
Reserved, external area (5)
Reserved, external area (2)
SFR
CS2 (76 Kbytes)
(8 Kbytes)
(16 Kbytes)
(2 Kbytes)
CS2
CS2
CS2
CS2 (102 Kbytes )
Capacity
Address YYYYYh
128 Kbytes
E0000h
256 Kbytes
C0000h
Capacity Address XXXXXh
12 Kbytes
033FFh
16 Kbytes
043FFh
PM13 = 1
Internal RAM
Internal ROM
CS0
Memory expansion mode
30000h to 7FFFFh
External area
CS1
Microprocessor mode
30000h to FFFFFh
28000h to
2FFFFh
CS2
0D800h to 26FFFh
Note that this applies to the
following areas only in the
conditions described below.
When PM10 = 0,
0E000h to 0FFFFh
When PRG2C0 = 1,
10000h to 13FFFh
CS3
No area
NOTES :
1. When the PM10 bit is set to 0, this area is used as external area; when 1, internal ROM (data flash).
2. When the PRG2C0 bit in the PRG2C register is set to 1, this area is used as external area; when 0, internal ROM (program ROM 2).
3. When the PM10 bit is set to 0, this area is used as external area; when 1, reserved area.
4. When the PRG2C0 bit in the PRG2C register is set to 1, this area is used as external area; when 0, reserved area.
Microprocessor mode
00000h
00400h
XXXXXh
YYYYYh
FFFFFh
80000h
08000h
Memory expansion mode
SFR
Internal RAM
Internal ROM
Reserved area
Reserved area
CS1 (32 Kbytes)
CS0 (misropocessor mode : 832 Kbytes)
28000h
30000h
Reserved area
27000h
External area
0D000h
SFR
Internal RAM
Reserved area
Reserved area
External area
CS0 (memory expansion mode : 320 Kbytes)
0D800h
10000h
0E000h
14000h
Program ROM 2 (2)
Data flash (1)
SFR
Reserved, external area (4)
Reserved, external area (3)
SFR
CS2 (76 Kbytes)
(8 Kbytes)
(16 Kbytes)
(2 Kbytes)
CS2
CS2
CS2
CS2 (102 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com