Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 54 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
8.2
Bus Control
The following describes the signals needed for accessing external devices and the functionality of soft-
ware wait.
8.2.1
Address Bus
The address bus consists of 20 lines: A0 to A19. The address bus width can be chosen to be 12, 16, or
20 bits by using the PM06 bit in the PM0 register and the PM11 bit in the PM1 register. Table 8.2 shows
the Set Value of Bits PM06 and PM11, and Address Bus Width.
NOTE:
1.
No values other than those shown above can be set.
When processor mode is changed from single-chip mode to memory expansion mode, the address bus
is indeterminate until any external area is accessed.
8.2.2
Data Bus
When input on the BYTE pin is high (data bus is 8 bits wide), 8 lines D0 to D7 comprise the data bus;
when input on the BYTE pin is low (data bus is 16 bits wide), 16 lines D0 to D15 comprise the data bus.
Do not change the input level on the BYTE pin while in operation.
8.2.3
Chip Select Signal
The chip select (hereafter referred to as the
CS) signals are output from the CSi (i = 0 to 3) pins. These
pins can be chosen to function as I/O ports or as
CS by using the CSi bit in the CSR register. Figure 8.1
shows the CSR Register.
During 1-Mbyte mode, the external area can be separated into up to 4 by the
CSi signal which is output
from the
CSi pin. During 4-Mbyte mode, CSi signal or bank number is output from the CSi pin. Refer to
9. “Memory Space Expansion Function”
. Figure 8.2 shows Examples of Address Bus and
CSi Sig-
nal Output in 1-Mbyte mode.
Table 8.2
Set Value of Bits PM06 and PM11, and Address Bus Width
Bits Set Value (1)
Pin Function
Address Bus Width
PM11 = 1
P3_4 to P3_7
12 bits
PM06 = 1
P4_0 to P4_3
PM11 = 0
A12 to A15
16 bits
PM06 = 1
P4_0 to P4_3
PM11 = 0
A12 to A15
20 bits
PM06 = 0
A16 to A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com