Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 19 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
NOTE:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.2
SFR Information (2) (1)
Address
Register
Symbol
After Reset
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
0040h
0041h
0042h
INT7 Interrupt Control Register
INT7IC
XX00X000b
0043h
INT6 Interrupt Control Register
INT6IC
XX00X000b
0044h
INT3 Interrupt Control Register
INT3IC
XX00X000b
0045h
Timer B5 Interrupt Control Register
TB5IC
XXXXX000b
0046h
Timer B4 Interrupt Control Register, UART1 BUS Collision Detection Interrupt
Control Register
TB4IC, U1BCNIC
XXXXX000b
0047h
Timer B3 Interrupt Control Register, UART0 BUS Collision Detection Interrupt
Control Register
TB3IC, U0BCNIC
XXXXX000b
0048h
SI/O4 Interrupt Control Register, INT5 Interrupt Control Register
S4IC, INT5IC
XX00X000b
0049h
SI/O3 Interrupt Control Register, INT4 Interrupt Control Register
S3IC, INT4IC
XX00X000b
004Ah
UART2 BUS Collision Detection Interrupt Control Register
BCNIC
XXXXX000b
004Bh
DMA0 Interrupt Control Register
DM0IC
XXXXX000b
004Ch
DMA1 Interrupt Control Register
DM1IC
XXXXX000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXXX000b
004Eh
A/D Conversion Interrupt Control Register
ADIC
XXXXX000b
004Fh
UART2 Transmit Interrupt Control Register
S2TIC
XXXXX000b
0050h
UART2 Receive Interrupt Control Register
S2RIC
XXXXX000b
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXXX000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXXX000b
0053h
UART1 Transmit Interrupt Control Register
S1TIC
XXXXX000b
0054h
UART1 Receive Interrupt Control Register
S1RIC
XXXXX000b
0055h
Timer A0 Interrupt Control Register
TA0IC
XXXXX000b
0056h
Timer A1 Interrupt Control Register
TA1IC
XXXXX000b
0057h
Timer A2 Interrupt Control Register
TA2IC
XXXXX000b
0058h
Timer A3 Interrupt Control Register
TA3IC
XXXXX000b
0059h
Timer A4 Interrupt Control Register
TA4IC
XXXXX000b
005Ah
Timer B0 Interrupt Control Register
TB0IC
XXXXX000b
005Bh
Timer B1 Interrupt Control Register
TB1IC
XXXXX000b
005Ch
Timer B2 Interrupt Control Register
TB2IC
XXXXX000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00X000b
005Eh
INT1 Interrupt Control Register
INT1IC
XX00X000b
005Fh
INT2 Interrupt Control Register
INT2IC
XX00X000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com