Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 89Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 90Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 91Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 92Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 93Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 94Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 95Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 96Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 72 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
9. Memory Space Expansion Function
Figure 9.8
Relationship Between Addresses on 4-Mbyte ROM and Those on Microcomputer (2)
A20
A19
A18
N.C.
A17
A16 A15 to A0
Address input for 4-Mbyte ROM
4-Mbyte ROM
access area
A18
CS Output
Address Output
OFS
Access
Area
Output from the Microcomputer Pins
CS3
CS2
CS1
A19
A17
A16 A15 to A0
000000h
Bank
Number
07FFFFh
080000h
0C0000h
100000h
140000h
180000h
1C0000h
200000h
240000h
280000h
2C0000h
300000h
340000h
380000h
Internal ROM access
3C0000h
Internal ROM access
Internal ROM access
Internal ROM access
A21
03FFFFh
040000h
0BFFFFh
0FFFFFh
13FFFFh
17FFFFh
1BFFFFh
1FFFFFh
23FFFFh
27FFFFh
2BFFFFh
2FFFFFh
33FFFFh
37FFFFh
3BFFFFh
3FFFFFh
0
1
2
3
4
5
6
7
7
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
7FFFFh
80000h
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
FFFFFh
80000h
7FFFFh
40000h
FFFFFh
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
0000h
FFFFh
1
1
1
0
0
Memory expansion mode where PM13 = 1
ROM address
Microcomputer address
000000h
080000h
100000h
180000h
200000h
280000h
380000h
3FFFFFh
40000h
7FFFFh
3C0000h
340000h
2C0000h
240000h
1C0000h
140000h
0C0000h
040000h
bank 0
(256 Kbytes)
bank 1
(256 Kbytes)
bank 1
(256 Kbytes)
bank 2
(256 Kbytes)
bank 2
(256 Kbytes)
bank 3
(256 Kbytes)
bank 3
(256 Kbytes)
bank 4
(256 Kbytes)
bank 4
(256 Kbytes)
bank 5
(256 Kbytes)
bank 5
(256 Kbytes)
bank 6
(256 Kbytes)
bank 6
(256 Kbytes)
bank 7
(256 Kbytes)
Data only
300000h
bank 0
(256 Kbytes)
OFS bit in DBR
register = 0
OFS bit in DBR
register = 1
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
40000h
7FFFFh
Program
or data
bank 7
(256 Kbytes)
40000h
7FFFFh
Data only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com