Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 55Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 56Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 57Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 58Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 59Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 35 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
5. Reset
5.2
Brown-out Reset
The microcomputer resets pins, the CPU, or SFRs by setting the built-in voltage detection 0 circuit. The
voltage detection 0 circuit monitors the voltage applied to the VCC1 pin (Vdet0).
The microcomputer resets pins, the CPU, and SFR as soon as the voltage that is applied to the VCC1 pin
drops to Vdet0 or below.
Then, 125 kHz on-chip oscillator clock starts counting when the voltage that is applied to the VCC1 pin
goes up to Vdet0 or above. The internal reset signal becomes “H” after the 125 kHz on-chip oscillator
clock is counted 32 times, and then reset sequence starts (see Figure 5.2). The 125 kHz on-chip oscillator
clock divided by 8 is automatically selected as a CPU clock after reset.
Refer to 4. “Special Function Registers (SFRs)” for the SFR status after brown-out reset.
The internal RAM is not reset. When the voltage that is applied to the VCC1 pin drops to Vdet0 or below
while writing data to the internal RAM, the internal RAM is in an indeterminate state.
Refer to 6. “Voltage Detection Circuit” for details of the voltage detection 0 circuit.
5.3
Software Reset
The microcomputer resets pins, the CPU, and SFRs when the PM03 bit in the PM0 register is set to 1
(microcomputer reset). Then the microcomputer executes the program in an address determined by the
reset vector. The 125 kHz on-chip oscillator clock divided by 8 is automatically selected as a CPU clock
after reset.
In the software reset, the microcomputer does not reset a part of the SFRs. Refer to 4. “Special Func-
tion Registers (SFRs)”
for details.
The internal RAM is not reset.
5.4
Watchdog Timer Reset
The microcomputer resets pins, the CPU, and SFRs when the PM12 bit in the PM1 register is set to 1
(reset when watchdog timer underflows) and the watchdog timer underflows. Then the microcomputer
executes the program in an address determined by the reset vector. The 125 kHz on-chip oscillator clock
divided by 8 is automatically selected as a CPU clock after reset.
In the watchdog timer reset, the microcomputer does not reset a part of the SFRs. Refer to 4. “Special
Function Registers (SFRs)”
for details.
The internal RAM is not reset. When the watchdog timer underflows while writing data to the internal
RAM, the internal RAM is in an indeterminate state.
Refer to 13. “Watchdog Timer” for details.
5.5
Oscillation Stop Detection Reset
The microcomputer resets and stops pins, the CPU, and SFRs when the CM27 bit in the CM2 register is
0 (reset when oscillation stop detected), if it detects main clock oscillation circuit stop. Refer to 10.6
“Oscillation Stop and Re-Oscillation Detect Function”
for details.
In the oscillation stop detection reset, the microcomputer does not reset a part of the SFRs. Refer to 4.
“Special Function Registers (SFRs)”
for details. Processor mode remains unchanged since bits PM01
to PM00 in the PM0 register are not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com