Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 27Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 28Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 29Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 6 of 373
M16C/64 Group
1. Overview
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
1.4
Block Diagram
Figure 1.3 is a M16C/64 Group Block Diagram.
Figure 1.3
Block Diagram
Clock synchronous serial I/O
(8 bits
× 2 channels)
DMAC
(4 channels)
Internal peripheral functions
Clock generation circuits
XIN-XOUT
XCIN-XCOUT
PLL frequency synthesizer
On-chip oscillator (125 kHz)
NOTES :
1. ROM size depends on MCU type.
2. RAM size depends on MCU type.
Port P0
8
Port P1
8
Port P2
8
8
8
8
Port P5
Port P4
Port P3
UART or
clock synchronous serial I/O
(6 channels)
VCC2 ports
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
SB
ISP
USP
INTB
FLG
M16C/60 Series CPU core
Memory
ROM (1)
RAM (2)
Multiplier
PC
Watchdog timer
(15 bits)
A/D converter
(10 bits × 26 channels)
CRC calculation circuit (CCITT)
(Polynomial X16 + X12 + X5 + 1)
D/A converter
(8 bits × 2 channels)
Three-phase motor control circuit
8
8
8
Port P7
Port P8
Port P9
Port P10
8
Port P6
8
Timer (16-bit)
Outputs (Timer A): 5
Inputs (Timer B): 6
VCC1 ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com