Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 27Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 28Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 4 of 373
M16C/64 Group
1. Overview
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
1.3
Product List
Table 1.3 lists product information. Figure 1.1 shows part numbers, memory sizes, and packages.
(D) : Under development
NOTE:
1.
Previous package codes are as follows.
PRQP0100JD-B: 100P6F-A, PLQP0100KB-A: 100P6Q-A
Figure 1.1
Correspondence of Part No., with Memory Size and Package
Table 1.3
Product List
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data Flash
R5F36406NFA
(D) 128 Kbytes 16 Kbytes 4 Kbytes
× 2 blocks
12 Kbytes PRQP0100JD-B Operating
temperature
-20
°C to 85°C
R5F36406NFB
(D)
PLQP0100KB-A
R5F3640DNFA
(D) 256 Kbytes 16 Kbytes 4 Kbytes
× 2 blocks
16 Kbytes PRQP0100JD-B
R5F3640DNFB
(D)
PLQP0100KB-A
R5F3640MNFA
(D) 512 Kbytes 16 Kbytes 4 Kbytes
× 2 blocks
31 Kbytes PRQP0100JD-B
R5F3640MNFB
(D)
PLQP0100KB-A
R5F36406DFA
(D) 128 Kbytes 16 Kbytes 4 Kbytes
× 2 blocks
12 Kbytes PRQP0100JD-B Operating
temperature
-40
°C to 85°C
R5F36406DFB
(D)
PLQP0100KB-A
R5F3640DDFA
(D) 256 Kbytes 16 Kbytes 4 Kbytes
× 2 blocks
16 Kbytes PRQP0100JD-B
R5F3640DDFB
(D)
PLQP0100KB-A
R5F3640MDFA
(D) 512 Kbytes 16 Kbytes 4 Kbytes
× 2 blocks
31 Kbytes PRQP0100JD-B
R5F3640MDFB
(D)
PLQP0100KB-A
Package type:
FA: Package PRQP0100JD-B (100P6F-A)
FB: Package PLQP0100KB-A (100P6Q-A)
Property Code
N: Operating temperature -20
°C to 85°C
D: Operating temperature -40
°C to 85°C
Memory type:
F: Flash memory
R 5 F 3
640
6 D FA
Renesas microcomputer
Renesas semiconductor
M16C / 64 Group
Memory capacity
Program ROM 1 / RAM
6: 128 Kbytes / 12 Kbytes
D: 256 Kbytes / 16 Kbytes
M: 512 Kbytes / 31 Kbytes
16-bit microcomputer
Part No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com