Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 93Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 94Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 95Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 96Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 97Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 98Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 99Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 100Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 76 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
10. Clock Generation Circuit
Figure 10.2
CM0 Register
b7 b6 b5 b4
b1
b2
b3
System Clock Control Register 0 (1)
Symbol
CM0
Address
0006h
Bit Symbol
Bit Name
RW
CM00
After Reset
01001000b
RW
NOTES :
1. Rewrite this register after setting the PRC0 bit in the PRCR register to 1 (write enabled).
2. The CM03 bit is set to 1 (high) while the CM04 bit is set to 0 (I/O port) or when entering stop mode.
3. This bit is provided to stop the main clock when the low power consumption mode or 125 kHz on-chip oscillator
low power dissipation mode is selected. This bit cannot be used for detection as to whether the main clock
stops or not. To stop the main clock, set bits as follows:
(a) Set the CM07 bit to 1 (sub clock selected) with the sub-clock stably oscillates, or set the CM21 bit in
the CM2 register to 1 (125 kHz on-chip oscillator selected).
(b) Set the CM20 bit in the CM2 register to 0 (oscillation stop, re-oscillation detection function
disabled).
(c) Set the CM05 bit to 1 (stop).
4. During external clock input, set the CM05 bit to 0 (oscillate).
5. When the CM05 bit is set to 1, the XOUT pin is held “H”. Because the internal feedback resistor remains
connected, the XIN pin is pulled “H” to the same level as XOUT via the feedback resistor.
6. After setting the CM04 bit to 1 (XCIN-XCOUT oscillator function), wait until the sub-clock oscillates stably
before switching the CM07 bit from 0 to 1 (sub clock).
7. When entering stop mode, the CM06 bit is set to 1 (divide-by-8 mode).
8. The fC32 and fOCO-S clock do not stop.
9. To use a sub-clock, set this bit to 1. Also make sure ports P8_6 and P8_7 are directed for input, with no pull-
ups.
10. When the PM21 bit in the PM2 register is set to 1 (disable clock modification), this bit remains unchanged
even if writing to bits CM02, CM05, and CM07.
11. When setting the PM21 bit to 1, set the CM07 bit to 0 (main clock) before setting the PM21 bit to 1.
12. To use the main clock as the clock source for the CPU clock, set bits as follows.
(a) Set the CM05 bit to 0 (oscillate).
(b) Wait the main clock oscillation stabilizes.
(c) Set bits CM11, CM21, and CM07 to 0.
13. When the CM07 bit is set to 1 (sub clock) and the CM05 bit is set to 1 (main clock stops), the
CM06 bit is fixed to 1 (divide-by-8 mode) and the CM15 bit is fixed to 1 (drive capacity high).
14. To return from 125 kHz on-chip oscillator mode to high-speed or middle-speed mode, set bits CM06 and
CM15 to 1.
b0
Function
b1 b0
0
0 : I/O port P5_7
0
1 : Output fC
1
0 : Output f8
1
1 : Output f32
Clock output function select bit
(valid only in single-chip
mode)
CM01
CM02
WAIT mode peripheral
function clock stop bit (10)
0 : Peripheral function clock f1 does not
stop in wait mode
1 : Peripheral function clock f1 stops in
wait mode (8)
CM03
XCIN-XCOUT drive capacity select
bit (2)
0 : Low
1 : High
CM04
Port XC select bit (2)
0 : I/O ports P8_6, P8_7
1 : XCIN-XCOUT oscillation function (9)
CM05
Main clock stop bit
(3, 4, 10, 12, 13)
0 : On
1 : Off (5)
CM06
Main clock division
select bit 0 (7, 13, 14)
System clock select bit
(6, 10, 11, 12)
0 : CM16 and CM17 enabled
1 : Division-by-8 mode
CM07
0 : Main clock, PLL clock, or 125 kHz on-
chip oscillator clock
1 : Sub clock
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com