Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 48Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 49Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 50Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 28 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
NOTE:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.11
SFR Information (11) (1)
Address
Register
Symbol
After Reset
0320h
Count Start Flag
TABSR
00h
0321h
0322h
One-Shot Start Flag
ONSF
00h
0323h
Trigger Select Register
TRGSR
00h
0324h
Up/Down Flag
UDF
00h
0325h
0326h
Timer A0 Register
TA0
XXh
0327h
XXh
0328h
Timer A1 Register
TA1
XXh
0329h
XXh
032Ah
Timer A2 Register
TA2
XXh
032Bh
XXh
032Ch
Timer A3 Register
TA3
XXh
032Dh
XXh
032Eh
Timer A4 Register
TA4
XXh
032Fh
XXh
0330h
Timer B0 Register
TB0
XXh
0331h
XXh
0332h
Timer B1 Register
TB1
XXh
0333h
XXh
0334h
Timer B2 Register
TB2
XXh
0335h
XXh
0336h
Timer A0 Mode Register
TA0MR
00h
0337h
Timer A1 Mode Register
TA1MR
00h
0338h
Timer A2 Mode Register
TA2MR
00h
0339h
Timer A3 Mode Register
TA3MR
00h
033Ah
Timer A4 Mode Register
TA4MR
00h
033Bh
Timer B0 Mode Register
TB0MR
00XX0000b
033Ch
Timer B1 Mode Register
TB1MR
00XX0000b
033Dh
Timer B2 Mode Register
TB2MR
00XX0000b
033Eh
Timer B2 Special Mode Register
TB2SC
XXXXXX00b
033Fh
0340h
0341h
0342h
0343h
0344h
0345h
0346h
0347h
0348h
0349h
034Ah
034Bh
034Ch
034Dh
034Eh
034Fh
0350h
0351h
0352h
0353h
0354h
0355h
0356h
0357h
0358h
0359h
035Ah
035Bh
035Ch
035Dh
035Eh
035Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com