Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 48Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 24 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
NOTE:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.7
SFR Information (7) (1)
Address
Register
Symbol
After Reset
0220h
Flash Memory Control Register 0
FMR0
00000001b
0221h
Flash Memory Control Register 1
FMR1
00X0XX0Xb
0222h
Flash Memory Control Register 2
FMR2
XXXX0000b
0223h
0224h
0225h
0226h
0227h
0228h
0229h
022Ah
022Bh
022Ch
022Dh
022Eh
022Fh
0230h
Flash Memory Control Register 6
FMR6
XX0XXX00b
0231h
0232h
0233h
0234h
0235h
0236h
0237h
0238h
0239h
023Ah
023Bh
023Ch
023Dh
023Eh
023Fh
0240h
0241h
0242h
0243h
0244h
UART0 Special Mode Register 4
U0SMR4
00h
0245h
UART0 Special Mode Register 3
U0SMR3
000X0X0Xb
0246h
UART0 Special Mode Register 2
U0SMR2
X0000000b
0247h
UART0 Special Mode Register
U0SMR
X0000000b
0248h
UART0 Transmit/Receive Mode Register
U0MR
00h
0249h
UART0 Bit Rate Register
U0BRG
XXh
024Ah
UART0 Transmit Buffer Register
U0TB
XXh
024Bh
XXh
024Ch
UART0 Transmit/Receive Control Register 0
U0C0
00001000b
024Dh
UART0 Transmit/Receive Control Register 1
U0C1
00XX0010b
024Eh
UART0 Receive Buffer Register
U0RB
XXh
024Fh
XXh
0250h
UART Transmit/Receive Control Register 2
UCON
X0000000b
0251h
0252h
0253h
0254h
UART1 Special Mode Register 4
U1SMR4
00h
0255h
UART1 Special Mode Register 3
U1SMR3
000X0X0Xb
0256h
UART1 Special Mode Register 2
U1SMR2
X0000000b
0257h
UART1 Special Mode Register
U1SMR
X0000000b
0258h
UART1 Transmit/Receive Mode Register
U1MR
00h
0259h
UART1 Bit Rate Register
U1BRG
XXh
025Ah
UART1 Transmit Buffer Register
U1TB
XXh
025Bh
XXh
025Ch
UART1 Transmit/Receive Control Register 0
U1C0
00001000b
025Dh
UART1 Transmit/Receive Control Register 1
U1C1
00XX0010b
025Eh
UART1 Receive Buffer Register
U1RB
XXh
025Fh
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com