Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 51 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
7. Processor Mode
7.3
Internal Memory
The internal RAM can be used in all processor modes. The range of the internal RAM depends on the set-
ting of the PM 13 bit in the PM1 register.
The internal ROM is used in single-chip mode and memory expansion mode. Three internal ROMs are
available: data flash, program ROM 2, and program ROM 1.
Data flash includes block A (addresses 0E000h to 0EFFFh) and block B (addresses 0F000h to 0FFFFh).
When data flash is selected by the setting of the PM10 bit in the PM1 register, both block A and block B
can be used. Table 7.4 shows Data Flash (addresses 0E000h to 0FFFFh).
Set the PRG2C0 bit in the PRG2C register to select program ROM 2. Table 7.5 shows Program ROM 2
(addresses 10000h to 13FFFh).
Do not use the last 16 bytes (addresses 13FF0h to 13FFFh) when using program ROM 2 in single-chip
mode or memory expansion mode. These bytes are assigned as the user boot code area (refer to 22.1.2
“User Boot Function”
).
The range of program ROM 1 depends on the setting of the PM13 bit in the PM1 register. Figure 7.4 indi-
cates the Memory Map in Single-Chip Mode.
Table 7.4
Data Flash (addresses 0E000h to 0FFFFh)
PM10 Bit in PM1 Register
0
1
Processor Modes
Single-chip mode
Unusable
Data flash
Memory expansion mode
External area
Data flash
Microprocessor mode
External area
Reserved area
Table 7.5
Program ROM 2 (addresses 10000h to 13FFFh)
PRG2C0 bit in PRG2C Register
0
1
Processor Modes
Single-chip mode
Program ROM 2
Unusable
Memory expansion mode
Program ROM 2
External area
Microprocessor mode
Reserved area
External area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com