Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 19Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 2 of 373
M16C/64 Group
1. Overview
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
1.2
Specifications
Tables 1.1 and 1.2 list Specifications Outline.
NOTE:
1.
IEBus is a registered trademark of NEC Electronics Corporation.
Table 1.1
Specifications (1)
Item
Function
Specification
CPU
Central processing unit
M16C/60 core (multiplier: 16-bit × 16-bit ! 32 bits,
multiply and accumulate instruction: 16 × 16 + 32 !32 bits)
• Number of basic instructions: 91
• Minimum instruction execution time:
40.0 ns ( f(BCLK) = 25 MHz, VCC1 = VCC2 = 2.7 to 5.5 V)
• Operating modes: Single-chip, memory expansion, and microproces-
sor
Memory
ROM, RAM,
data flash
See Table 1.3 Product List.
Voltage
Detection
Voltage detection circuit
Low-voltage detection unit
Clock
Clock generation circuit
• 4 circuits: Main clock, sub clock, on-chip oscillator (125 kHz), PLL
• Oscillation stop detection: Main clock oscillation stop detection and re-
oscillation detection function
• Frequency divider circuit: Divide ratio selectable from 1, 2, 4, 8 and 16
• Low-power consumption modes: Wait mode, stop mode
External Bus
Expansion
Bus and memory expansion
• Address space: 1 Mbyte
• External bus interface: 0 to 3 waits states, chip select 4 outputs, mem-
ory area expansion function (up to 4 Mbytes), 3 V, 5 V interface
• Bus format: Separate bus or multiplexed bus selectable, data bus
width selectable (8 or 16 bits), number of address buses selectable
(12, 16, or 20 buses)
I/O Ports
Programmable I/O ports
• CMOS I/O ports: 85, selectable pull-up resistor
• Nch open drain ports: 3
Interrupts
• Interrupt vectors: 70
• External interrupt input: 13 (
NMI, INT × 8, key input × 4)
• Interrupt priority levels: 7
Watchdog Timer
15 bits × 1 (with prescaler)
Automatic reset start function selectable
DMA
DMAC
• 4 channels, cycle steal mode
• Trigger sources: 43
• Transfer modes: 2 (single transfer, repeat transfer)
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one shot timer mode, pulse width
modulation (PWM) mode
Event counter two-phase pulse signal processing (two-phase encoder
input) × 3 channels
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse period measurement mode,
pulse width measurement mode
Timer functions for three-
phase motor control
Three-phase inverter control (timer A1, timer A2, timer A4, timer B2),
On-chip dead time timer
Serial Inter-
face
UART0 to UART2, UART5 to
UART7
Clock synchronous/asynchronous × 6 channels
I2C-bus, IEBus (1), special mode 2, SIM (UART2)
SI/O3, SI/O4
Clock synchronization only × 2 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com