Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 47 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
7. Processor Mode
7.
Processor Mode
7.1
Types of Processor Mode
Three processor modes are available to choose from: single-chip mode, memory expansion mode, and
microprocessor mode. Table 7.1 shows the Features of Processor Modes.
NOTE:
1.
Refer to 8. “Bus” for details.
7.2
Setting Processor Modes
Processor mode is set by using the CNVSS pin and bits PM01 to PM00 in the PM0 register.
Table 7.2 shows the Processor Mode After Hardware Reset. Table 7.3 shows Bits PM01 to PM00 Set
Values and Processor Modes
NOTES:
1.
If the microcomputer is reset in hardware by applying VCC1 to the CNVSS pin (hardware reset 1 or
brown-out reset), the internal ROM cannot be accessed regardless of the status of bits PM10 to
PM00.
2.
The multiplexed bus cannot be assigned to the entire
CS space.
Rewriting bits PM01 to PM00 places the microcomputer in the corresponding processor mode regardless
of whether the input level on the CNVSS pin is “H” or “L”. Note, however, that bits PM01 to PM00 cannot
be rewritten to 01b (memory expansion mode) or 11b (microprocessor mode) at the same time bits PM07
to PM02 are rewritten. Note also that these bits cannot be rewritten to enter microprocessor mode in the
internal ROM, nor can they be rewritten to exit microprocessor mode in areas overlapping the internal
ROM.
If the microcomputer is reset in hardware by applying VCC1 to the CNVSS pin (hardware reset 1 or
brown-out reset), the internal ROM cannot be accessed regardless of bits PM01 to PM00.
Figures 7.1 to 7.3 show the PM0 Register and PM1 Register. Figure 7.4 show the Memory Map in Single-
Chip Mode.
Table 7.1
Features of Processor Modes
Processor Modes
Access Space
Pins Which Are Assigned I/O Ports
Single-chip mode
SFR, internal RAM, internal ROM
All pins are I/O ports or peripheral function I/
O pins
Memory expansion
mode
SFR, internal RAM, internal ROM,
external area (1)
Some pins serve as bus control pins (1)
Microprocessor mode
SFR, internal RAM, external area (1) Some pins serve as bus control pins (1)
Table 7.2
Processor Mode After Hardware Reset
CNVSS Pin Input Level
Processor Modes
VSS
Single-chip mode
VCC1 (1, 2)
Microprocessor mode
Table 7.3
Bits PM01 to PM00 Set Values and Processor Modes
Bits PM01 to PM00
Processor Modes
00b
Single-chip mode
01b
Memory expansion mode
10b
Do not set
11b
Microprocessor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com