Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 80Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 81Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 82Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 83Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 59 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
8.2.7
HOLD Signal
This signal is used to transfer control of the bus from the CPU or DMAC to an external circuit. When the
input on the
HOLD pin is pulled low, the microcomputer is placed in a hold state after the bus access at
that time finishes. The microcomputer remains in the hold state while the
HOLD pin is held low, during
which time the
HLDA pin outputs a low-level signal.
Table 8.5 shows the Microcomputer Status in Hold State.
Bus-using priorities are given to
HOLD, DMAC, and CPU in descending order. However, if the CPU is
accessing an odd address in word units, the DMAC cannot gain control of the bus during two separate
accesses.
Figure 8.5
Bus-Using Priorities
NOTES:
1.
When I/O port function is selected.
2.
The watchdog timer does not stop when the CSPRO bit in the CSPR register is set to 1 (count source
protection mode enabled).
8.2.8
BCLK Output
If the PM07 bit in the PM0 register is set to 0 (output enabled), a clock with the same frequency as that
of the CPU clock is output as BCLK from the BCLK pin. Refer to 10.2 “CPU Clock and Peripheral
Function Clock”
.
Table 8.5
Microcomputer Status in Hold State
Item
Status
BCLK
Output
A0 to A19, D0 to D15,
CS0 to CS3, RD, WRL,WRH,
WR, BHE
High-impedance
I/O ports
P0, P1, P3, P4 (1)
High-impedance
P6 to P10
Maintains status when
HOLD signal is received
HLDA
Output “L”
Internal Peripheral Circuits
On (but watchdog timer stops) (2)
ALE
Undefined
HOLD > DMAC > CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com