| Electronic Components Datasheet Search |
|
R5F3640MNFB Datasheet(PDF) 103 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F3640MNFB Datasheet(HTML) 103 Page - Renesas Technology Corp |
|
103 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 82 of 373 Under development Preliminary Specification Specification in this preliminary version is subject to change. M16C/64 Group 10. Clock Generation Circuit 10.1.2 Sub Clock The sub clock is generated by the sub clock oscillation circuit. This clock is used as the clock source for the CPU clock, as well as the timer A and timer B count sources. In addition, an fC clock with the same frequency as that of the sub clock can be output from the CLKOUT pin. The sub clock oscillation circuit is configured by connecting a crystal resonator between pins XCIN and XCOUT. The sub clock oscillation circuit contains a feedback resistor, which is disconnected from the oscillation circuit during stop mode in order to reduce the amount of power consumed in the chip. The sub clock oscillation circuit may also be configured by feeding an externally generated clock to the XCIN pin. Figure 10.8 shows the Examples of Sub Clock Connection Circuit. After reset, the sub clock is turned off. At this time, the feedback resistor is disconnected from the oscil- lation circuit. To use the sub clock for the CPU clock, set the CM07 bit in the CM0 register to 1 (sub clock) after the sub clock becomes oscillating stably. During stop mode, all clocks including the sub clock are turned off. Refer to 10.4 “Power Control” for details. Figure 10.8 Examples of Sub Clock Connection Circuit NOTE : 1. Place a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by each oscillator manufacturer. When the oscillation drive capacity is set to low, check if oscillation is stable at low. Also, place a feedback resistor between XCIN and XCOUT if the oscillator manufacturer recommends placing the resistor externally. External clock Open VCC1 VSS XCIN XCOUT RCd (1) CCIN CCOUT VSS Oscillator Microcomputer (Built-in feedback resistor) XCIN XCOUT Microcomputer (Built-in feedback resistor) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |