Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 106 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 106 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 102Page - SONiX Technology Company SN8F5708 Datasheet HTML 103Page - SONiX Technology Company SN8F5708 Datasheet HTML 104Page - SONiX Technology Company SN8F5708 Datasheet HTML 105Page - SONiX Technology Company SN8F5708 Datasheet HTML 106Page - SONiX Technology Company SN8F5708 Datasheet HTML 107Page - SONiX Technology Company SN8F5708 Datasheet HTML 108Page - SONiX Technology Company SN8F5708 Datasheet HTML 109Page - SONiX Technology Company SN8F5708 Datasheet HTML 110Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
PWM
Datasheet Rev. 2.4
106
PW3DH/PW3DL Registers (PW3DH: 0x87, PW3DL: 0x86)
Bit
Field
Type
Initial
Description
7..0
PW3DH/L
R/W
0x00
16-bit PWM3 duty control
PW1BH/PW1BL Registers (PW1BH: 0xAF, PW1BL: 0xAE)
Bit
Field
Type
Initial
Description
7..0
PW1BH/L
R/W
0x00
16-bit PWM1 dead band control
PW2BH/PW2BL Registers (PW2BH: 0xA5, PW2BL: 0xA4)
Bit
Field
Type
Initial
Description
7..0
PW2BH/L
R/W
0x00
16-bit PWM2 dead band control
PW3BH/PW3BL Registers (PW3BH: 0xB5, PW3BL: 0xB4)
Bit
Field
Type
Initial
Description
7..0
PW3BH/L
R/W
0x00
16-bit PWM3 dead band control
PW1A Register (PW1A: 0xBD)
Bit
Field
Type
Initial
Description
7..0
PW1A
R/W
0x00
8-bit PWM1 dead band control
PW2A Register (PW2A: 0xBE)
Bit
Field
Type
Initial
Description
7..0
PW2A
R/W
0x00
8-bit PWM2 dead band control
PW3A Registers (PW3A: 0xCF)
Bit
Field
Type
Initial
Description
7..0
PW3A
R/W
0x00
8-bit PWM3 dead band control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com