Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 105 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 105 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 101Page - SONiX Technology Company SN8F5708 Datasheet HTML 102Page - SONiX Technology Company SN8F5708 Datasheet HTML 103Page - SONiX Technology Company SN8F5708 Datasheet HTML 104Page - SONiX Technology Company SN8F5708 Datasheet HTML 105Page - SONiX Technology Company SN8F5708 Datasheet HTML 106Page - SONiX Technology Company SN8F5708 Datasheet HTML 107Page - SONiX Technology Company SN8F5708 Datasheet HTML 108Page - SONiX Technology Company SN8F5708 Datasheet HTML 109Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
PWM
Datasheet Rev. 2.4
105
P1OC Register (0xE4)
Bit
Field
Type
Initial
Description
7
PW3EN
R/W
0
PW3 function
0: Disable
1: Enable
6
PW2EN
R/W
0
PW2 function
0: Disable
1: Enable
5
PW1EN
R/W
0
PW1 function
0: Disable
1: Enable
Else
Refer to other chapter(s)
PW1YH/PW1YL Registers (PW1YH: 0xAD, PW1YL: 0xAC)
Bit
Field
Type
Initial
Description
7..0
PW1YH/L
R/W
0x00
16-bit PWM1 period control
PW2YH/PW2YL Registers (PW2YH: 0xA3, PW2YL: 0xA2)
Bit
Field
Type
Initial
Description
7..0
PW2YH/L
R/W
0x00
16-bit PWM2 period control
PW3YH/PW3YL Registers (PW3YH: 0xB3, PW3YL: 0xB2)
Bit
Field
Type
Initial
Description
7..0
PW3YH/L
R/W
0x00
16-bit PWM3 period control
PW1DH/PW1DL Registers (PW1DH: 0xBC, PW1DL: 0xBB)
Bit
Field
Type
Initial
Description
7..0
PW1DH/L
R/W
0x00
16-bit PWM1 duty control
PW2DH/PW2DL Registers (PW2DH: 0xA7, PW2DL: 0xA6)
Bit
Field
Type
Initial
Description
7..0
PW2DH/L
R/W
0x00
16-bit PWM2 duty control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com