Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 102 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 102 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 98Page - SONiX Technology Company SN8F5708 Datasheet HTML 99Page - SONiX Technology Company SN8F5708 Datasheet HTML 100Page - SONiX Technology Company SN8F5708 Datasheet HTML 101Page - SONiX Technology Company SN8F5708 Datasheet HTML 102Page - SONiX Technology Company SN8F5708 Datasheet HTML 103Page - SONiX Technology Company SN8F5708 Datasheet HTML 104Page - SONiX Technology Company SN8F5708 Datasheet HTML 105Page - SONiX Technology Company SN8F5708 Datasheet HTML 106Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
PWM
Datasheet Rev. 2.4
102
PWCH[1:0] bits. When output one pulse PWM function, we must be set PWnPO = PWnEN=1.
When one pulse PWM output signal synchronize finishes, the PWM channel exchanges from GPIO
to PWM output. When one pulse PWM output finishes, PWnEN = 0, the PWM channel returns to
GPIO mode and last status.
One Pulse
PWM Output
PWnPO=1 and PWnEN=1.
PWnEN=0 automatically.
The pin exchanges to last
GPIO mode (output low).
PWnEN=1
PWnEN=0
PWnEN=1
PWnEN=0
PWnEN=1
PWnEN=0
High impendence (floating)
PWnEN=0 automatically.
The pin exchange to last
GPIO mode (input).
PWnPO=1 and PWnEN=1.
PWnPO=1 and PWnEN=1.
PWnEN=0 automatically.
The pin exchanges to last
GPIO mode (output high).
One Pulse
PWM Output
One Pulse
PWM Output
16.3
Inverse and Dead Band
The PWM builds in inverse output function. The PWM has one inverse PWM signal as PWNV =1.
When PWNV = 1, the PWn outputs the inverse PWM signal of PWMn. When PWNV = 0, the PWn
outputs the non-inverse PWM signal of PWMn. The inverse PWM output waveform is below
diagram.
PWM Cycle=PWnY
PWM Duty=PWnD
PWMn1
(PWNVn1=1)
PWnA
PWMn1
(PWNVn1=0)
PWnB
PWnA
PWMn0
(PWNVn0=0)
The PWM dead band occurs in PWM high pulse width, and the dead band period is programmable
from PWnA and PWnD-PWnB registers. The dead band period is symmetrical at left-right terminal
of PWM pulse width or not. If the bead band period is longer than PWM duty, the PWM is no
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com