Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 160 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 160 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 156Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 157Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 158Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 159Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 160Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 161Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 162Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 163Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 164Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
160
Rev 5
6.9.2
Analog Pins
Table 120: Analog Pins
Pin
(64 pin)
Pin
(100-pin)
Name
Type
Circuit
Description
55
54
44
43
87
86
68
67
IAP-
IAN
IBP-
IBN
I
6
Differential or single-ended Line Current Sense Inputs:
These pins are voltage inputs to the internal A/D
converter. Typically, they are connected to the outputs
of current sensors. Unused pins must be tied to
V3P3A.
Pins IBP-IBN may be configured for communication with
the remote sensor interface (71M6x01). When RMT_E =
1 (I/O RAM 0x2709[3]), the IBP-IBN pins become
balanced differential pair. If unused, RMT_E must be
zero and IBP-IBN must tied to V3P3A.
52
--
82
83
VA
VB
†
I
6
Line Voltage Sense Inputs: These pins are voltage
inputs to the internal A/D converter. Typically, they are
connected to the outputs of resistor dividers. Unused
pins must be tied to V3P3A.
56
88
VREF
O
9
Voltage Reference for the ADC. This pin should be left
unconnected (floating).
48
49
75
76
XIN
XOUT
I
O
8
Crystal Inputs: A 32 kHz crystal should be connected
across these pins. Typically, a 15 pF capacitor is also
connected from XIN to GNDA and a
10 pF capacitor is connected from XOUT to GNDA. It
is important to minimize the capacitance between these
pins. See the crystal manufacturer datasheet for details.
If an external clock is used, a 150 mV (p-p) clock signal
should be applied to XIN, and XOUT should be left
unconnected.
† Pin VB only available on 71M6542F/G.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com