Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 161 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 161 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 157Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 158Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 159Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 160Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 161Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 162Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 163Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 164Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 165Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
161
6.9.3
Digital Pins
Table 121 lists the digital pins. Pin types: P = Power, O = Output, I = Input, I/O = Input/Output, N/C = no
connect. The circuit number denotes the equivalent circuit, as specified in 6.9.4 I/O Equivalent Circuits.
Table 121: Digital Pins
Pin
(64-pin)
Pin
(100-pin)
Name
Type
Circuit
Function
4-7
12–15
COM0–COM3
O
5
LCD Common Outputs. These four pins provide the select
signals for the LCD display.
31
45
SEGDIO0/WPULSE
I/O
3, 4, 5
Multiple-Use Pins. Configurable as either LCD segment
driver or DIO. Alternative functions with proper selection of
associated I/O RAM registers are:
SEGDIO0 = WPULSE
SEGDIO1 = VPULSE
SEGDIO2 = SDCK
SEGDIO3 = SDATA
SEGDIO6 = XPULSE
SEGDIO7 = YPULSE
SEGDIO8 = DI
Unused pins must be configured as outputs or
terminated to V3P3/GNDD.
30
44
SEGDIO1/VPULSE
29
43
SEGDIO2/SDCK
28
42
SEGDIO3/SDATA
27
41
SEGDIO4
26
39
SEGDIO5
25
38
SEGDIO6/XPULSE
24
37
SEGDIO7/YPULSE
23
36
SEGDIO8/DI
22-17
35–30
SEGDIO[9:14]
--
29-27
SEGDIO[15:17]
--
25
SEGDIO[18]
16-10
24–18
SEGDIO[19:25]
--
11–4
SEGDIO[28:35]
63-62
95-94
SEGDIO[44:45]
--
99–96
SEGDIO[40:43]
--
52
SEGDIO52
--
51
SEGDIO53
--
47
SEGDIO54
9
17
SEGDIO26/COM5
I/O
3, 4, 5
Multiple-Use Pins. Configurable as either LCD segment
driver or DIO with alternative function (LCD common
drivers).
8
16
SEGDIO27/COM4
3
3
SPI_CSZ/SEGDIO36
I/O
3, 4, 5
Multiple-Use Pins. Configurable as either LCD segment
driver or DIO with alternative function (SPI interface).
2
2
SPI_DO/SEGDIO37
1
1
SPI_DI/SEGDIO38
64
100
SPI_CKI/SEGDIO39
33
53
OPT_TX/SEGDIO51
I/O
3, 4, 5
Multiple-Use Pins, configurable as either LCD segment
driver or DIO with alternative function (optical port/UART1)
32
46
OPT_RX/SEGDIO55
38
58
E_RXTX/SEG48
I/O
1, 4, 5
Multiuse Pins. Configurable as either emulator port pins
(when ICE_E pulled high) or LCD segment drivers (when
ICE_E tied to GND).
36
56
E_RST/SEG50
37
57
E_TCLK/SEG49
O
4, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com