Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 162 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 162 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 158Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 159Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 160Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 161Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 162Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 163Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 164Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 165Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 166Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 162 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
162
Rev 5
Pin
(64-pin)
Pin
(100-pin)
Name
Type
Circuit
Function
39
59
ICE_E
I
2
ICE Enable. When zero, E_RST, E_TCLK, and E_RXTX
become SEG50, SEG49, and SEG48 respectively. For
production units, this pin should be pulled to GND to disable
the emulator port.
60
92
TMUXOUT/SEG47
O
4, 5
Multiple-Use Pins. Configurable as either multiplexer/clock
output or LCD segment driver using the I/O RAM registers.
61
93
TMUX2OUT/SEG46
59
91
RESET
I
2
Chip Reset. This input pin is used to reset the chip into a
known state. For normal operation, this pin is pulled low. To
reset the chip, this pin should be pulled high. This pin has
an internal 30
μA (nominal) current source pulldown. No
external reset circuitry is necessary.
35
55
RX
I
3
UART0 Input. If this pin is unused it must be terminated
to V3P3D or GNDD.
34
54
TX
O
4
UART0 Output
51
81
TEST
I
7
Enables Production Test. This pin must be grounded in
normal operation.
58
90
PB
I
3
Pushbutton Input. This pin must be at GNDD when not active
or unused. A rising edge sets the WF_PB flag. It also
causes the part to wake up if it is in SLP or LCD mode. PB
does not have an internal pullup or pulldown resistor.
--
26, 40,
48, 49,
50, 63,
64, 65,
66, 73,
74, 77,
78, 79,
84
NC
N/C
—
No Connection. Do not connect this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com