Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 12Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 13Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 14Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 15Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 16Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 17Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 18Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 19Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
9 Electrostatic discharge
All voltages referenced to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction
or permanent damage to the device.
Symbol
Description (Rating)
Min
Max
Unit
ESD ratings
Human body model: AEC-Q100 Rev H.
VESD_HBM
All pins
–2
2
kV
VESD_GLOBAL_HBM Global pins (VSUP, VSHS, Vx_IN, V2_FB, LIMP0, FS0B, WAKEx, HVIOx, HSx)
–4
4
kV
VESD_CAN_HBM
CAN bus interface pins (CANH, CANL)
–8
8
kV
VESD_LIN_HBM
LIN bus interface pin (LIN)
–8
8
kV
Charged device model: AEC-Q100 Rev H
VESD_CDM
All pins
–500
500
V
Gun discharged contact Test
VESD_GUN1
330 Ω/150 pF unpowered according to IEC 61000-4-2
Global pins and bus interface pins
–8
8
kV
VESD_GUN2
2 kΩ/150 pF unpowered according to ISO 10605.2008
Global pins and bus interface pins
–8
8
kV
VESD_GUN3
2 kΩ/330 pF powered, GND connected, according to ISO 10605.2008
Global pins and bus interface pins
–8
8
kV
VESD_GUN4
330 Ω/150 pF unpowered, GND connected, according to ISO 10605.2008
Global pins and bus interface pins
–8
8
kV
Table 6. ESD ratings
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
16 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com