Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 29Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 30Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 31Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 32Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 33Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 34Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 35Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 36Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
13 Power management
Regulator
Type
Input Supply
Output Range
Max DC current
HV Buck regulator
V1_IN
(VBUCK / DCmax_drop + ((RHS_BUCK + RDCR_
LBUCK) x IBUCK x DCmax_drop) to 36 V)
600 mA
V1
HV Linear regulator
V1_IN
(4 V or V1 + 500 mV to 40 V)
3.3 V or 5.0 V
100 mA/250 mA
V2
HV Linear regulator
V2_IN
(4 V or V2 + 500 mV to 40 V)
3.3 V or 5.0 V
100 mA
V3
HV Linear regulator
V3_IN
(4 V or V3 + 500 mV to 40 V)
3.3 V or 5.0 V
150 mA
Table 13. FS23 regulators list
The FS23 includes three regulators, all supplied in parallel from the battery line. Depending on the part number,
the V1 regulator can be a BUCK regulator or a linear regulator.
The FS23 starts when VSUP > VSUP_UV, with VBOS first, followed by V1, then the power-up sequencing
configured by OTP for the remaining regulators (LDO2, LDO3).
13.1 HVBUCK: High-voltage buck regulator
13.1.1 Functional description
HVBUCK block is a high-voltage integrated synchronous buck. It can be used to supply the ECU MCU and
other local loads inside the ECU.
General operation
The HVBUCK operates in force PWM or PFM modes and uses internal N-type FETs. The output voltage is
configurable by OTP. Compensation is ensured by internal circuitry.
The current in the inductor is sensed via the internal FETs. This information is used to compute an average
value reflecting the output DC current.
Mode-specific operation
HVBUCK operates in force PWM (pulse width modulation) when the FS23 is in Normal mode and in PFM
(pulsed frequency modulation) when the FS23 is in Low-Power ON mode (LPON). HVBUCK output voltage can
be different in Normal mode and in LPON mode. The voltage ramp-up/down between the normal and the LPON
voltages is done in PWM mode.
Switching frequency
HVBUCK switching frequency in force PWM mode is configurable at 450 kHz or 2.25 MHz by OTP, using
BUCK_CLK_OTP bit.
Current limitation
HVBUCK has current limitation protection features. In PWM mode, HVBUCK has both peak and average
current limitations, configurable by OTP using BUCK_PK_OC_PWM_OTP and BUCK_AVG_OC_PWM_OTP
fields. In PFM mode, HVBUCK has a peak current limitation, as well configurable by OTP using
BUCK_PK_OC_PFM_OTP field.
When HVBUCK current reaches one of these current limitations, V1OC_I flag is set. The regulator stays
enabled, but it induces a duty cycle reduction and therefore an output voltage drop, which could lead to an
undervoltage detection (V1UV_I flag generated).
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
33 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com