Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 25Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 26Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 27Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 28Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 29Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 30Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 31Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 32Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
12.7.1 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Debug mode
VDBG_MODE
Voltage to apply at DBG pin to enter Debug mode
3.5
4.5
5.5
V
TDBG_MODE
Debug mode entry filtering time
4
6
15
us
VOTP_MODE
Voltage to apply at DBG pin to program the OTP
7.75
7.95
8.15
V
TOTP_MODE
OTP mode entry filtering time
4.0
5.5
7.0
us
IDBG
DBG pin input current consumption
-
-
60
µA
Table 11. Electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
29 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com