Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 41Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 42Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 44Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 45Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 46Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 47Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 48Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
13.3.3 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. V2_IN = VSUP = 5.5 V to 40 V if V2 = 5 V, or V2_IN = VSUP = 4 V to 40 V if V2 = 3.3 V,
unless otherwise specified. ILDO2 = 0 to 100 mA unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
VLDO2_IN
Input voltage range
4
-
40
V
VLDO2
Output voltage (OTP configurable)
VV2_OTP = 0
VV2_OTP = 1
3.234
4.9
3.3
5.0
3.366
5.1
V
VLDO2_ACC
Output voltage accuracy
-2
-
2
%
VLDO2_DROP
Maximum output voltage Drop-in/Drop-out mode
(VLDO2 = 5 V, VLDO2_IN = 4.5 V, ILDO2 = 100 mA)
-
-
500
mV
VDELTA_V2_to_V2_FB
Maximum delta voltage between V2 and V2_FB pin
-
-
2.1
V
ILDO2_NORMAL
DC current capability in Normal mode
-
-
100
mA
ILDO2_LPON
DC current capability in LPON mode
-
-
100
mA
ILDO2_ILIM
Internal PMOS current limitation
CONF_OC_V2_OTP = 0
CONF_OC_V2_OTP = 1
150
75
-
-
300
160
mA
Quiescent current, no load (typ @25 °C, max @85°C)
-
15
20
µA
IQLDO2
Quiescent current, ILDO2 = 50 µA (typ @25 °C, max @85
°C)
-
20
25
µA
TSDV2
Thermal shutdown threshold
175
190
215
°C
TSDV2_HYST
Thermal shutdown threshold hysteresis
6
9
16
°C
Dynamic electrical characteristics
TLDO2_SOFT_START
Soft start (from 10 % to 90 %)
150
300
500
µs
TLDO2_PDWN
Discharge time when disabled
-
-
2
ms
TDELTA_V2_to_V2_FB
Delta voltage between V2 and V2_FB filtering time
3
5
10
µs
TLDO2_ILIM
Current limit filtering time
16
20
36
µs
TTSD_V2_FILT
Thermal shutdown filtering time
6
10
20
µs
VLDO2_LINE_REG_NORMAL
Transient line response in Normal mode
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
ILDO2 = 0.1 mA and 70 mA
VLDO2 = 3.3 V and 5.0 V
dv/dt = 100 mV/µs, COUT_LDO2 = 2.2 μF
-3
-
3
%
VLDO2_LTR_NORMAL
Transient Load Regulation in Normal mode
ILDO2 = 10 mA to 50 mA in 10us, and from 50 mA to 10
mA in 10us,
VLDO2 = 5.0 V, COUT_LDO2 = 2.2 μF
-2
-
2
%
VLDO2_PSRR
DC PSRR
ILDO2 = 0.1 mA to 100mA, VLDO2 = 3.3 V or 5.0 V, VDROP
= 500 mV (min), 20 Hz to 500kHz
-
-40
-20
dB
External Components
CIN_LDO2
Input capacitor (close to V2_IN pin)
-
1.0
-
µF
COUT_LDO2
Effective output capacitor
2.2
-
4.7
µF
Table 18. HVLDO2 electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
45 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com