Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 65Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 66Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 68Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 69Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 70Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 71Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. V3 = V3UV to 5 V,
unless otherwise specified. VDDIO = 3 V to 5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
VCAN_OUT_SYM
CAN output voltage symmetry (VCANH + VCANL), Active mode,
FCANTXD = 1 MHz (2 Mbps), RL = 60 Ω, C1 = 4.7 nF
0.9 x V3 1 x V3 1.1 x V3
V
VCAN_OUT_CM_PK
CAN Common mode peak-to-peak voltage, Active mode
-
-
300
mV
CAN bus differential output voltage, Active mode, dominant
state, V3 = 4.75 V to 5.5 V, RL = 50 Ω to 65 Ω
1.5
2.0
3.0
V
CAN bus differential output voltage, Active mode, dominant
state, V3 = 4.75 V to 5.5 V, RL = 45 Ω to 75 Ω
1.4
2.0
3.3
V
VCAN_OUT_DIFF_DOM
CAN bus differential output voltage, Active mode, dominant
state, V3 = 4.75 V to 5.5 V, RL = 2240 Ω
1.5
-
5.0
V
VCAN_OUT_DIFF_REC
CAN bus differential output voltage, Active mode and
Recessive state, or Listen-only mode, or Wake-capable mode,
V3 = 4.75 V to 5.5 V, no load, C1 = C2 = CCANRXD = 0 pF
-50
-
50
mV
VCAN_OUT_REC_ACT CAN recessive output voltage, Active mode, no load
2
-
3
V
VCAN_OUT_REC_WC
CAN recessive output voltage, Wake-capable mode, no load
-0.1
0
0.1
V
VCAN_OUT_DIFF_REC CAN bus differential output voltage, Wake-capable mode,
Recessive state, no load
-0.2
0
0.2
V
VCAN_OUT_REC_LO
CAN recessive output voltage, Listen-only mode, no load,
V3 = 0 V
2.0
2.5
3.0
V
VCAN_IN_DIFF
CAN differential receiver threshold voltage, Active or Listen-
only mode
0.5
-
0.9
V
VCAN_IN_DIFF_LP
CAN differential low-power receiver threshold voltage, Wake-
capable mode
0.4
-
1.15
V
VCAN_IN_DIFF_HYST
CAN differential receiver hysteresis voltage, Active or Listen-
only mode
50
200
400
mV
CAN Recessive state differential input voltage range, Active or
Listen-only mode, VCANH = -12 V to 12 V, VCANL = -12 V to 12
V
-4
-
0.5
V
VCAN_IN_DIFF_REC
CAN recessive state differential input voltage range, no
biasing, VCANH = -12 V to 12 V, VCANL = -12 V to 12 V
-4
-
0.4
V
CAN Dominant state differential input voltage range, Active or
Listen-only mode, VCANH = -12 V to 12 V, VCANL = -12 V to 12
V
0.9
-
9.0
V
VCAN_IN_DIFF_DOM
CAN dominant state differential input voltage range, no
biasing, VCANH = -12 V to 12 V, VCANL = -12 V to 12 V
1.1
-
9.0
V
RCAN_IN_CM
CAN Common mode input resistance, Active mode, VCANH =
-2 V to 7 V, VCANL = -2 V to 7 V
6
-
50
kΩ
RCAN_IN_DIFF
CAN differential input resistance, VCANH = -2 V to 7 V, VCANL =
-2 V to 7 V
12
100
kΩ
∆RCAN_IN
CAN input resistance deviation, VCANH = VCANL = 5 V
-3
-
3
%
CCAN_IN_CM
CAN Common mode input capacitance
-
-
20
pF
CCAN_IN_DIFF
CAN differential input capacitance
-
-
10
pF
Table 32. CAN FD transceiver characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
69 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com