Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 20Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 21Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 22Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 23Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 24Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 25Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 26Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 27Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
12.4 Detailed functional state diagram
From any
Mx state
VBOS < VBOS_por
Or VDIG < VDIG_por
Or VDIG > VDIG_ov
All regulators OFF
Reset Go2LPON/Go2LPOFF_latch
Power down
VBOS > VBOS_por
And VDIG > VDIG_por
And VDIG < VDIG_ov
1 ms timeout
M2
Start HP
analog
1 MHz oscillator enabled
UVx, OVx, TSDx masked
Start 1 ms timer
M1
Cold start
20 MHz oscillator enabled
HP analog enabled
Start 20 µs timer
20 µs timeout
And VBOS > VBOS_uv
And LOAD_OTP_BYP = 0
M3
Load and
emulate
OTP
OTP_MODE = 0
Or OTP_EXIT = 1
M4
Wait VSUP
M5
Slot 0
V1 power-up
M6
Slot 1, 2
Vx power-up
M7
NORMAL
M8
Slot 2, 1
Vx power-
down
M9
Slot 0 -To
LPOFF
V1 power
down
20 µs timeout
M11
LPOFF
M12
LPON
M10
Slot 0 -To
LPON
V1 ramp-
down to
V1_LP
To M2
FAIL-SAFE
Wake-up
event LPOFF
Wake-up
event LPON
V1UV_LP = 1
-> V1_UVLP_WU =1
(1 ms timeout and Go2LPON_latch = 1)
Or (V1UV_LP = 1 and Go2LPON_latch = 1)
OTP programming and/or OTP
emulation possible in this state
V1UV_LP = 1 and
Go2LPON_latch = 1
20 µs timeout
And VBOS > VBOS_uv
And LOAD_OTP_BYP = 1
Debug mode detection
20 µs timeout
And VSUP > VSUP_uv
And VBOS > VBOS_uv
And OTP_ERROR = 0
FLT_ERR_CNT > = max or
(V1UV_LP = 1 and Go2LPON_latch = 1)
V1_OV_2us
Or VBOS < VBOS_uv
Or (VxTSD_l = 1 and CONF_TSD_Vx_OTP = 1)
Or (VxOV_l = 1 and CONF_OV_Vx_OTP = 1)
Or 100 ms timeout
OTP_ERROR = 1 or
(V1UV_LP = 1 and Go2LPON_latch = 1)
V1 FPWM or PNP enabled
OVx, TSDx unmasked
Start 20 µs timer
V1 ON (soft start)
Vx ON if configured (soft start)
HVIOx/LVIOx ON if configured
FLT_ERR_CNT enabled
Start 100 ms timer
V1 > V1UV_LP and
TSOFT_START_V1 completed
FLT_ERR_CNT > = max
Or V1UV_LP = 1
Or V1_OV_2us = 1
Or VBOS < VBOS_uv
Or (VxTSD_I = 1 and CONF_TSD_Vx_OTP = 1)
Or (VxOV_I = 1 and CONF_OV_Vx_OTP = 1)
SLOT_BYP = 1 and
Go2LPON_latch = 1
Vx ON if configured (soft start)
HVIOx/LVIOx ON if configured
TSLOTxcompleted
FLT_ERR_CNT > = max
Or VBOS < VBOS_uv
Or (VxTSD_I = 1 and CONF_TSD_Vx_OTP = 1)
Or (VxOV_I = 1 and CONF_OV_Vx_OTP = 1)
Or (V1_OCLS_I and V1_OCLS_EN_OTP = 1)
Or (V1OC_I and TLDO1_ILIM_TO and V1_PNP_EN_OTP)
UVx unmasked
Reset Go2LPON/Go2LPOFF_latch
(V1UV_LP = 1 and Go2LPON_latch = 1)
Or (VBOS < VBOS_uv and Go2LPOFF_latch)
Or (VxTSD_I = 1 and CONF_TSD_Vx_OTP = 1)
Or (VxOV_I = 1 and CONF_OV_Vx_OTP = 1)
Go2LPON_latch = 1 <- Go2LPON = 1 or
Go2LPOFF_latch = 1 <- Go2LPOFF = 1
Vx OFF if configured and Vx_LPON = 0
Start TSLOT_DOWN_Vx timer(s)
HVIOx/LVIOx to default if configured
FLT_ERR_CNT disabled
UVx masked
TSLOT_DOWN_Vx completed
And Go2LPON_latch = 1
V1 ramp to V1_LP
Vx OFF if Vx_LPON = 0
HVIOx/LVIOx to default
if configured
TSLOT_DOWN_Vx completed
And Go2LPOFF_latch = 1
All regulators OFF
All IOs OFF
OVx, TSDx masked
Start 20 µs timer
V1UV_LP = 1
Or (VxTSD_I = 1 and
CONF_TSD_Vx_OTP = 1)
Or (VxOV_I = 1 and
CONF_OV_Vx_OTP = 1)
TRAMP_DOWN_V1 completed
20 MHz oscillator disabled
HP analog disabled
V1 FPWM or PNP disabled
OVx, TSDx masked
20 MHz oscillator disabled
HP analog disabled
V1 FPWM or PNP disabled
TFS_DUR timeout
And FS_LPOFF_OTP = 1
And V1UV_LP_WU = 0
And KEY_OFFON_EN_OTP = 0)
Or
(KEY_OFFON_EN_OTP = 1
And WAKE1 = 0)
TFS_DUR timeout
And (FS_LPOFF_OTP = 0
Or V1UV_LP_WU = 1)
And KEY_OFFON_EN_OTP = 0
All regulators OFF
HP analog enabled
20 MHz oscillator enabled
V1 FPWM or PNP enabled
Reset Go2LPON/Go2LPOFF_latch
UVx, OVx, TSDx masked
FLT_ERR_CNT disabled
Start TFS_DUR timer
-> FS_EVT = 1
Legend: Blue: Device action, GREEN: Safety related device action, BLACK: Device state
aaa-051437
Figure 11. Detailed functional state diagram
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
24 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com