Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 45Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 46Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 47Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 48Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 49Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 50Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 51Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 52Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
For temperature sensors, the temperature must be calculated from the AMUX output voltage as per the
following formula: T(°C) = (VAMUX – VTEMP25) / VTEMP_COEFF + 25.
14.4 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VDDIO = 3.0 V to 5.5 V, unless
otherwise specified. IAMUX = -1 mA to 1 mA, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
AMUX
VAMUX_IN
Input-voltage range for VSUP, VSHS, WAKE1, WAKE2, HVIO1, HVIO2
• AMUX_DIV = 0
• AMUX_DIV = 1
2.5
4.2
-
-
22
40
V
VAMUX_OUT
AMUX output-voltage range
0.3
-
VDDIO
– 0.2
V
RPD_AMUX
Output pulldown resistance
100
1000
3000
kΩ
VAMUX_OFF
Offset voltage
-7
-
+7
mV
RAMUX_ACC
AMUX ratio accuracy
• Ratio 1
• Ratio 3
• Ratio 10.5 (AMUX_DIV = 0)
• Ratio 20 (AMUX_DIV = 1)
-0.5
-1.7
-1.9
-1.5
-
-
-
-
0.5
1.7
1.9
1.5
%
VTEMP25
Temperature sensor voltage at 25 °C
1.31
1.38
1.45
V
VTEMP_COEFF
Temperature sensor coefficient
-4.074 -3.880 -3.686
mV/°C
TAMUX_SET
Settling time
(from 10 % to 90 % of VDDIO, Rs = 220 Ω, Cout = 10 nF)
-
-
10
us
CAMUX_OUT
Output capacitor
-
-
2
nF
RAMUX_OUT
Output resistor
-
220
-
Ohm
Table 21. AMUX electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
49 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com