Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 39Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 40Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 41Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 42Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 44Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 45Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 46Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. V1_IN = VSUP = 5.5 V to 40 V if V1 = 5 V, or V1_IN = VSUP = 4 V to 40 V if V1 = 3.3 V,
unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
TTSD_V1_FILT
Thermal shutdown filtering time
6
10
20
µs
TLDO1_ILIM_TO
Current limit timeout (ext. PNP)
CONF_OC_TO_V1_OTP = 0
CONF_OC_TO_V1_OTP = 1
8
0.8
10
1.0
12
1.2
ms
VLDO1_LINE_REG_NORMAL_
PMOS
Transient line response in Normal mode, int. PMOS only
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
ILDO1 = 0.1 mA and 100 mA
VLDO1 = 3.3V and 5.0 V
dv/dt = 100 mV/µs, COUT_LDO1 = 4.7 μF
-3
-
3
%
VLDO1_LINE_REG_NORMAL_
PNP
Transient line response in Normal mode, with ext. PNP
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
ILDO1 = 10 mA and 200 mA
VLDO1 = 3.3V and 5.0 V
dv/dt = 100 mV/µs, COUT_LDO1 = 4.7 μF
-3
-
3
%
VLDO1_LTR_NORMAL_PMOS
Transient load regulation in Normal mode with int. PMOS
only
ILDO1 = 10m A to 100 mA in 10 us, and from 100 mA to 10
mA in 2us,
VLDO1 = 3.3 V and 5.0 V, COUT_LDO1 = 4.7 μF
-2
-
2
%
VLDO1_LTR_NORMAL_PNP
Transient load regulation in Normal mode with ext. PNP
ILDO1 = 10 mA to 200 mA in 10 µs, and from 200 mA to 10
mA in 2 µs,
VLDO1 = 3.3 V and 5.0 V, COUT_LDO1 = 4.7 µF
-2
-
2
%
VLDO1_LTR_LPON
Transient load regulation in LPON mode
ILDO1 = 1 mA to 50 mA in 1 µs,
and from 50 mA to 1 mA in 10 us.
VLDO1 = 3.3 V and 5.0 V, COUT_LDO1 = 4.7 μF
-2
-
2
%
VLDO1_PSRR
DC PSRR
ILDO1 = 0.1 mA to 100 mA, VLDO1 = 3.3 V or 5.0V, VDROP =
500 mV (min), 20 Hz to 500 kHz
-
-40
-20
dB
External Components
CIN_LDO1
Input capacitor (close to V1_IN pin)
-
1.0
-
µF
COUT_LDO1
Effective output capacitor
2.2
-
4.7
µF
COUT_LDO1_PNP
Effective output capacitor, with external PNP
10
-
22
µF
Table 17. LDO1 electrical characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
43 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com