Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 55Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 56Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 57Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 58Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 59Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 60Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 61Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 62Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
16.4 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSHS = 5.5 V to 40 V, unless otherwise specified. All voltages referenced
to ground.
Symbol
Parameter
Min
Typ
Max
Unit
HSx static characteristic
RDSON_HSx
Static drain source ON resistance
-
-
9
Ω
∆RDSON_HSx
Static drain source ON resistance matching
between two HSx
-
3
10
%
ION_HSx
Incremental current consumption when powering
each HS driver (Tj = 85 °C)
-
-
60
µA
IQ_HSx
High-side leakage current, Tj < 85 °C, VSHS<18V
-
-
2
µA
IOC_HSx
Overcurrent shutdown threshold
150
-
380
mA
IOL_HSx
Open-load detection threshold
0.4
-
3.0
mA
IMAX_REV_HSx
Maximum allowable reverse current
-450
-
-
mA
IHSx_CYS
Cyclic sense current consumption (Tj = 85 °C),
HS1 used for cyclic sense, 20ms period, 0.1ms
on-time, no load on HS1
-
-
30
µA
HSx dynamic characteristic
TSRON_HSx
Slew rate rising (from HSx = 2 V to VSHS - 2V),
VSHS = 9 V to 18 V, IOUT = 60 mA
0.8
-
2.5
V/µs
TSROFF_HSx
Slew rate falling (from HSx = 2 V to VSHS - 2 V),
VSHS = 9 V to 18 V, IOUT = 60 mA
-2.5
-
-0.8
V/µs
TSWON_HSx
Switch ON time (from SPI/I2C command to HSx =
VSHS - 1V),
VSHS = 9V to 18V, IOUT = 60 mA
3
-
30
µs
TSWOFF_HSx
Switch OFF time (from SPI / I²C command to HSx
= 1V),
VSHS = 9 V to 18 V, IOUT = 60 mA
3
-
30
µs
TOC_FILT_HSx[1]
Overcurrent filtering time
8
12
25
µs
TOC_BLK_HSx
Overcurrent blanking time
25
30
35
µs
TOL_FILT_HSx
Open-load filtering time
50
70
105
µs
TOL_BLK_HSx
Open-load blanking time
25
30
35
µs
HSx external component
COUT_HSx
Output capacitor for one HSx
10
-
47
nF
TIMERx
TSTART_TIMER
TIMERx activation delay
-
-
5
ms
TIMERPER_ACC
TIMERx period accuracy
-10
-
10
%
Table 28. High-Side drivers electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
59 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com