Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 75Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 76Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 77Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 78Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 79Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. VSHS = VSHS_UV to 28V, unless otherwise specified. VDDIO = 3V to
5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
DLIN4
Duty cycle 4,
THRec(min) = 0.389 x VSHS, THDom(min) = 0.251 x VSHS, VSHS =
7.6 V to 18 V, TLIN_BIT = 96 µs, D4 = TBus_rec(max)/(2 x TLIN_BIT)
-
-
59
%
TLIN_BUS2RX
LIN receiver propagation delay, VSHS = 7 V to 28 V,
CLINRXD = 20 pF, RLINRXD = 2.4 kΩ
-
-
6
µs
TLIN_BUS2RX_SYM
LIN receiver propagation delay symmetry,
CLINRXD = 20 pF, RLINRXD = 2.4 kΩ
-2
-
2
µs
TLIN_DOM_WU
LIN dominant wake-up time
30
80
150
us
TLIN_DOM_TO
LINTXD dominant timeout time, Active mode
5.0
7.2
8.6
ms
TLIN_SC
LIN short-circuit detection time, Active mode
20
25
30
us
Table 33. LIN transceiver characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
76 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com