Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 56Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 57Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 58Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 59Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 60Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 61Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 62Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 63Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. VSHS = 5.5 V to 40 V, unless otherwise specified. All voltages referenced
to ground.
Symbol
Parameter
Min
Typ
Max
Unit
TIMERx ON time accuracy (TIMERx_ON = 0001)
-10
-
35
%
TIMERx ON time accuracy (TIMERx_ON = 0010)
-10
-
24
%
TIMERx ON time accuracy (TIMERx_ON = 0011)
-10
-
15
%
TIMERTON_ACC
TIMERx ON time accuracy (TIMERx_ON > 0001)
-10
-
12
%
TIMERDLY_ACC
TIMERx delay accuracy
-10
-
10
%
PWMx
FPWM
PWMx frequency
PWMx_F = 0
PWMx_F = 1
180
360
200
400
220
440
Hz
DPWM
PWMx duty cycle
(accuracy valid for duty cycles above 5 %)
90*(PWMx_
DC/1000)
100*(PWMx_
DC/1000)
110*(PWMx_
DC/1000)
%
PWMDLY_ACC
PWMx delay accuracy
-10
-
10
%
Table 28. High-Side drivers electrical characteristics...continued
[1]
On resistive short-circuit.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
60 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com