Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 2 Page - NXP Semiconductors

  MFS2301BMBACEP Datasheet HTML 1Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 2Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 3Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 4Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 5Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 6Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 7Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 8Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
1 General description
The FS23 system basis chip (SBC) offers an expandable family of devices that is pin-to-pin and software
compatible. The FS23 SBC is scalable from the linear voltage regulator version to the DC-DC regulator version,
as well as from QM to ASIL B. The FS23 SBC includes CAN and LIN transceivers, along with a number of
system and safety features for the latest generation of automotive electronic control units (ECU).
The FS23 SBC provides a high level of integration in order to optimize the bill of material (BOM) cost for the
body and comfort market.
The FS23 device is highly flexible. It is suitable for S32K processor-based applications, as well as multivendor
processors because of its high level of flexibility.
Several device versions are available, offering choice in output-voltage settings, operating frequency, power-up
sequencing, and inputs/outputs configuration to address multiple applications.
aaa-052686
FS23
Functional block diagram
2x Wake pins
Watchdog (SW)
FCCU (HW)
Voltage supervisor
ABIST on demand
2x HVIOs, 4x LVIOs
4x HSDs (< 150 mA)
Safety outputs
RSTB, FS0B, LIMP0/1/2
AMUX
(Vbat, I/Os, temp, ...)
SPI/I2C
Main logic
Reg control
Diagnostic
LP mgt
Safety monitoring
Fit for ASIL B
OTP
HVLDO2 - 3.3 V or 5 V - up to 100 mA (protection optional)
HVLDO3 - 3.3 V or 5 V - up to 150 mA
HVBUCK - 3.3 V or 5 V - up to 600 mA
or
HVLDO1 - 3.3 V or 5 V - up to 100 mA or 250 mA (ext. PNP)
CAN FD
LIN
Figure 1. Functional block diagram
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
2 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com