Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 3Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 4Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 5Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 6Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 7Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 8Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 9Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 10Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
Table 2 is an example of orderable part number list.
Main properties
Part number
Description
V1 regulator type
V1 voltage
V2 voltage
V3 voltage
SPI or I²C
Safety grade
Package
MFS2323BMBA1EP
Superset for HVBUCK version, ASIL B, CAN, LIN and LDT enabled.
HVBUCK
5 V
3.3 V
5 V
SPI
ASIL B
MFS2323BMMA2EP
Superset for HVBUCK version, QM, CAN, LIN and LDT enabled.
HVBUCK
5 V
3.3 V
5 V
SPI
QM
MFS2303BMBA3EP
Superset for HVLDO version, ASIL B, example for S32K1xx MCU, CAN, LIN and LDT enabled.
HVLDO
5 V
3.3 V
5 V
SPI
ASIL B
MFS2303BMMA4EP
Superset for HVLDO version, QM, CAN, LIN and LDT enabled.
HVLDO
5 V
3.3 V
5 V
SPI
QM
MFS2323BMBA5EP
Configuration used for S32K311 + FS23 EVB, S32K31X-Q100, CAN, LIN and LDT enabled.
HVBUCK
5 V
3.3 V
5 V
SPI
ASILB
MFS2303BMMA9EP
Configuration example for door control unit (DCU), CAN, LIN and LDT enabled, external PNP enabled.
HVLDO + ext. PNP
3.3 V
3.3 V
5 V
SPI
QM
MFS2301BMBACEP
Configuration example for park lock actuator (PLA), CAN and LIN enabled, LDT disabled.
HVLDO
5 V
5 V
5 V
SPI
ASIL B
MFS2320BMBB1EP
Configuration example for S32K312 MCU, CAN enabled, LIN and LDT disabled.
HVBUCK
5 V
5 V
5 V
SPI
ASIL B
MFS2321BMBB2EP
Configuration example for S32K324 MCU, CAN and LIN enabled, LDT disabled.
HVBUCK
5 V
5 V
5 V
SPI
ASIL B
MFS2323BMBBFEP
Configuration example for battery management system (BMS)
HVBUCK
5 V
5 V
5 V
SPI
ASIL B
MFS2300BMMA0EP
Superset covering FS2300M devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
QM
MFS2301BMMA0EP
Superset covering FS2301M devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
QM
MFS2302BMMA0EP
Superset covering FS2302M devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
QM
MFS2303BMMA0EP
Superset covering FS2303M devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
QM
MFS2304BMMA0EP
Superset covering FS2304M devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
QM
MFS2305BMMA0EP
Superset covering FS2305M devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
QM
MFS2300BMBA0EP
Superset covering FS2300B devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2301BMBA0EP
Superset covering FS2301B devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2302BMBA0EP
Superset covering FS2302B devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2303BMBA0EP
Superset covering FS2303B devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2304BMBA0EP
Superset covering FS2304B devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2305BMBA0EP
Superset covering FS2305B devices.
HVLDO
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2320BMMA0EP
Superset covering FS2320M devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
QM
MFS2321BMMA0EP
Superset covering FS2321M devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
QM
MFS2322BMMA0EP
Superset covering FS2322M devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
QM
MFS2323BMMA0EP
Superset covering FS2323M devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
QM
MFS2324BMMA0EP
Superset covering FS2324M devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
QM
MFS2325BMMA0EP
Superset covering FS2325M devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
QM
MFS2320BMBA0EP
Superset covering FS2320B devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2321BMBA0EP
Superset covering FS2321B devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2322BMBA0EP
Superset covering FS2322B devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2323BMBA0EP
Superset covering FS2323B devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2324BMBA0EP
Superset covering FS2324B devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
ASIL B
MFS2325BMBA0EP
Superset covering FS2325B devices.
HVBUCK
Configurable
Configurable
Configurable
Configurable
ASIL B
QFN48EP
Table 2. Orderable part numbers
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
7 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com