Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 26Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 27Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 28Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 29Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 30Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 31Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 32Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 33Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
12.8 MCU programming
MCU programming can be done at any time. When the watchdog functionality is enabled by OTP
(WD_INF_OTP = 0), NXP recommends extending the watchdog period (up to 1024 ms) or to set it as infinite
(window is fully opened) during INIT phase. This will prevent any watchdog error detection and RSTB pin
assertion while programming. If the watchdog is not “disabled” (window set as infinite), the user will have to
refresh it during the MCU programming.
The advised procedure to change the watchdog period to infinite is the following:
1. Make sure the FS23 is in Normal mode by reading M_STATUS register.
2. Send a GO2INIT request by writing in M_SYS_CFG register.
3. Make sure the FS23 is in INIT mode by reading M_STATUS register.
4. Set the infinite watchdog period by writing 4b’0000 in the WDW_PERIOD and WDW_RECOVERY fields in
FS_WDW register.
5. Exit INIT mode by clearing the LOCK_INIT bit, then sending a good WD refresh.
12.9 Best of supply
12.9.1 Functional description
The VBOS regulator manages the best of supply from VSUP or V1 (in case V1 is an HVBUCK) to efficiently
generate the internal biasing of the device, in every Device mode. VBOS is also the supply of V1 high-side and
low-side gate drivers in HVBUCK use case.
VBOS undervoltage may not guarantee the full functionality of the device. Consequently, VBOS_UV detection
powers down the device by going into Fail-safe state.
VBOS is composed of two regulators implemented in parallel: VBOS_HP used to supply the HP analog internal
biasing, and VBOS_LP used to supply the internal biasing in Low-Power modes.
At power up, VBOS_LP is automatically enabled, and VBOS_HP is enabled later when the HP analog circuitry
is enabled. At power up, both VBOS_LP and VBOS_HP are generated from VSUP.
In HVBUCK use case only:
• In Normal mode, VBOS can be connected to V1 if V1 = 5 V (configurable by OTP + SPI/I2C, using
VBOS2V1_SW_ALWAYS_EN bit). In this case, VBOS will stay connected to V1 in LPON mode.
• In LPON mode, VBOS can be connected to V1 using VBOS2V1_SW_LP_EN _OTP bit. This feature allows
the user to optimize the efficiency, as the current consumption benefits from the VBAT to V1 ratio.
• When waking-up from LPON mode, VBOS will stay connected to V1 if VBOS2V1_SW_ALWAYS_EN = 1.
In HVLDO1 use case, VBOS is always supplied from VSUP.
In LPOFF mode, only VBOS_LP is enabled.
The behavior of VBOS regulator is summarized in Figure 18.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
30 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com